Electronic Components Datasheet Search
  English  ▼

X  

SC561 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC561
Description  Dual Output Low Noise LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC561 Datasheet(HTML) 5 Page - Semtech Corporation

  SC561 Datasheet HTML 1Page - Semtech Corporation SC561 Datasheet HTML 2Page - Semtech Corporation SC561 Datasheet HTML 3Page - Semtech Corporation SC561 Datasheet HTML 4Page - Semtech Corporation SC561 Datasheet HTML 5Page - Semtech Corporation SC561 Datasheet HTML 6Page - Semtech Corporation SC561 Datasheet HTML 7Page - Semtech Corporation SC561 Datasheet HTML 8Page - Semtech Corporation SC561 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SC561
5
Load Regulation (LDOA)
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
300
Output Current (mA)
VOUTA = 3.1V, VIN = 3.6V
TA=85°C
TA=-40°C
TA=25°C
Line Regulation (LDOA)
-0.5
0
0.5
1
1.5
2
2.5
3
2.9
3.1
3.3
3.5 3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
Input Voltage (V)
VOUTA = 3.1V, IOUTA = 1mA
TA=-40°C
TA=85°C
TA=25°C
Line Regulation (LDOB)
-0.5
0
0.5
1
1.5
2
2.5
3
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
Input Voltage (V)
VOUTB = 2.85V, IOUTB = 1mA
TA=-40°C
TA=85°C
TA=25°C
Dropout Voltage (LDOB)
0
50
100
150
200
250
300
350
2.8
2.85
2.9
2.95
3
3.05
3.1
Input Voltage (V)
VOUTB = 2.85V, IOUTB = 250mA
TA=85°C
TA=-40°C
TA=25°C
Dropout Voltage (LDOA)
0
50
100
150
200
250
300
350
3.1
3.15
3.2
3.25
3.3
3.35
3.4
Input Voltage (V)
VOUTA = 3.1V, IOUTA = 250mA
TA=85°C
TA=-40°C
TA=25°C
Load Regulation (LDOB)
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
300
Output Current (mA)
VOUTB = 2.85V, VIN = 3.6V
TA=-40°C
TA=85°C
TA=25°C
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com