Electronic Components Datasheet Search
  English  ▼

X  

SC561 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC561
Description  Dual Output Low Noise LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC561 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC561 Datasheet HTML 2Page - Semtech Corporation SC561 Datasheet HTML 3Page - Semtech Corporation SC561 Datasheet HTML 4Page - Semtech Corporation SC561 Datasheet HTML 5Page - Semtech Corporation SC561 Datasheet HTML 6Page - Semtech Corporation SC561 Datasheet HTML 7Page - Semtech Corporation SC561 Datasheet HTML 8Page - Semtech Corporation SC561 Datasheet HTML 9Page - Semtech Corporation SC561 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SC561
6
PSRR vs. Frequency (LDOB)
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
10
100
1000
10000
VOUTB = 2.85V, IOUTB = 50mA, CBYP = 22nF
Output Noise vs. Load Current (LDOA)
0
10
20
30
40
50
60
70
1
10
100
1000
Output Current (mA)
VOUTA = 3.1V, VIN = 3.6V, CBYP = 22nF
TA=85°C
TA=25°C
TA=-40°C
PSRR vs. Frequency (LDOA)
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
10
100
1000
10000
VOUTA = 3.1V, IOUTA = 50mA, CBYP = 22nF
Output Noise vs. Load Current (LDOB)
0
10
20
30
40
50
60
70
1
10
100
1000
Output Current (mA)
VOUTB = 2.85V, VIN = 3.6V, CBYP = 22nF
TA=85°C
TA=25°C
TA=-40°C
Typical Characteristics (continued)
Dropout Voltage (LDOA)
0
50
100
150
200
250
300
350
3.1
3.15
3.2
3.25
3.3
3.35
3.4
Input Voltage (V)
VOUTA = 3.1V, IOUTA = 50mA
TA=85°C
TA=25°C
TA=-40°C
Dropout Voltage (LDOB)
0
50
100
150
200
250
300
2.8
2.85
2.9
2.95
33.05
3.1
Input Voltage (V)
VOUTB = 2.85V, IOUTB = 50mA
TA=85°C
TA=25°C
TA=-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com