Electronic Components Datasheet Search
  English  ▼

X  

SC561 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC561
Description  Dual Output Low Noise LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC561 Datasheet(HTML) 1 Page - Semtech Corporation

  SC561 Datasheet HTML 1Page - Semtech Corporation SC561 Datasheet HTML 2Page - Semtech Corporation SC561 Datasheet HTML 3Page - Semtech Corporation SC561 Datasheet HTML 4Page - Semtech Corporation SC561 Datasheet HTML 5Page - Semtech Corporation SC561 Datasheet HTML 6Page - Semtech Corporation SC561 Datasheet HTML 7Page - Semtech Corporation SC561 Datasheet HTML 8Page - Semtech Corporation SC561 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
POWER MANAGEMENT
1
SC561
Dual Output Low Noise LDO
Linear Regulator
Features
Input voltage range — 2.5V to 5.5V
Output voltage — V
LDOA
= 3.1V; V
LDOB
= 2.85V
Maximum output current — 300mA (each LDO)
Dropout at 200mA load — 200mV max.
Quiescent supply current — 40μA (both LDOs
enabled)
Shutdown current — 100nA (typ)
Output noise < 50μV
RMS
PSRR >65dB at 1kHz
Over-temperature protection
Short-circuit protection
Under-voltage lockout
Power good monitor for output A
MLPQ-UT8, 1.5mm x 1.5mm x 0.6mm package
Applications
PDAs and cellular phones
GPS devices
Palmtop computers and handheld instruments
TFT/LCD applications
Wireless handsets
Digital cordless phones and PCS phones
Personal communicators
Wireless LAN
Description
The SC561 is a dual output, ultra-low dropout linear
voltage regulator designed for use in battery powered
applications. The SC561 provides fixed output voltages of
V
LDOA
= 3.1V and V
LDOB
= 2.85V, and up to 300mA of load
current per channel.
In applications where maximum battery life is essential,
the SC561 can operate in an extremely low power state by
setting the dynamic bias control. At very light loads, the
LOAD pin can be pulled low so that the device consumes
only 40μA of quiescent current.
The SC561 provides superior low-noise performance by
using an external bypass capacitor to filter the bandgap
reference. The device also has a PGOOD output to hold a
processor in reset when the voltage on OUTA is not in
regulation.
The device provides protection circuitry such as short-
circuit protection, under-voltage lockout, and thermal
protection to prevent device failures. Stability is main-
tained by using 1μF capacitors on the output pins. The
MLPQ-UT8 package and small ceramic bypass capacitors
minimize the required PCB area.
CIN
2.2μF
OUTA
OUTB
VIN
LOAD
EN
OUTB
EN
OUTA
GND
LOAD
PGOOD
BYP
IN
SC561
COUTA
1μF
COUTB
1μF
CBYP
22nF
PGOOD
Typical Application Circuit
November 21, 2007


Similar Part No. - SC561

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SC56 ZOWIE-SC56 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
SC56-11 ETC-SC56-11 Datasheet
729Kb / 6P
14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SC56-11CGKWA KINGBRIGHT-SC56-11CGKWA Datasheet
348Kb / 6P
14.22mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
162Kb / 3P
Standard-Displays
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
62Kb / 3P
14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC561

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1458 SEMTECH-SC1458 Datasheet
212Kb / 13P
Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560 Datasheet
285Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560_08 Datasheet
291Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560CULTRT SEMTECH-SC560CULTRT Datasheet
275Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560DULTRT SEMTECH-SC560DULTRT Datasheet
312Kb / 18P
Dual Output Low Noise LDO Linear Regulator
SC560HULTRT SEMTECH-SC560HULTRT Datasheet
312Kb / 18P
Dual Output Low Noise LDO Linear Regulator
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
Dual Output 300mA LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
1A Automotive Low-Noise LDO Linear Regulator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com