Electronic Components Datasheet Search
  English  ▼

X  

STCC4 Datasheet(PDF) 5 Page - Sensirion AG Switzerland

Part # STCC4
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4 Datasheet(HTML) 5 Page - Sensirion AG Switzerland

  STCC4 Datasheet HTML 1Page - Sensirion AG Switzerland STCC4 Datasheet HTML 2Page - Sensirion AG Switzerland STCC4 Datasheet HTML 3Page - Sensirion AG Switzerland STCC4 Datasheet HTML 4Page - Sensirion AG Switzerland STCC4 Datasheet HTML 5Page - Sensirion AG Switzerland STCC4 Datasheet HTML 6Page - Sensirion AG Switzerland STCC4 Datasheet HTML 7Page - Sensirion AG Switzerland STCC4 Datasheet HTML 8Page - Sensirion AG Switzerland STCC4 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
5 / 18
2.3 Absolute Maximum Ratings
Stress levels beyond those listed in Table 4 may cause permanent damage to the sensor. Exposure to
minimum/maximum rating conditions for extended time periods may affect sensor performance and reliability.
Parameter
Conditions
Min
Max
Unit
MSL level
1
Supply voltage
-0.3
5.8
V
Voltage on all pins
-0.3
VDD+0.3
V
Operating temperature
-40
85
°C
Short-term storage
temperature7
-40
85
°C
Operating relative humidity
Non-condensing
0
95
%RH
ESD HDM
JEDEC JS-001
2
kV
ESD CDM
JEDEC JS-002
500
V
Latch-up
JESD78 Class II, 125 °C
-100
100
mA
Sensor lifetime
Default operating conditions (Section 1.1)
10
years
Table 4. Absolute maximum ratings
2.4 Hardware Interface Specifications
The STCC4 comes in a metal cap LGA package with a pin assignment as described in Table 5.
Pin Symbol
Description
Pin assignment
1
SCL
I2C serial clock input
2
SDA_C
I2C serial data input/output to/from
SHT4x8
3
ADDR
I2C address configuration
ADDR = GND → 0x64
ADDR = VDD → 0x65
4
VSS
Ground
5
SDA
I2C serial data input/output
6
VDDIO
I2C communication voltage
configuration9,10
7
VDD
Supply voltage
8
SCL_C
Serial clock output to SHT4x8
Table 5. Pin assignment (transparent top view). Dashed lines are only visible from the bottom of the sensor.
7
Short term storage refers to temporary conditions, e.g., during transport.
8
The SDA_C/SCL_C pins must be soldered to a floating pad if not connected to the SHT4x.
9
The required I2C communication voltage must be applied to the VDDIO pin during sensor power-up.
10
The I2C communication voltage is set to VDD when the voltage applied on the VDDIO pin is less than 0.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com