Electronic Components Datasheet Search
  English  ▼

X  

STCC4 Datasheet(PDF) 17 Page - Sensirion AG Switzerland

Part # STCC4
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4 Datasheet(HTML) 17 Page - Sensirion AG Switzerland

Back Button STCC4 Datasheet HTML 10Page - Sensirion AG Switzerland STCC4 Datasheet HTML 11Page - Sensirion AG Switzerland STCC4 Datasheet HTML 12Page - Sensirion AG Switzerland STCC4 Datasheet HTML 13Page - Sensirion AG Switzerland STCC4 Datasheet HTML 14Page - Sensirion AG Switzerland STCC4 Datasheet HTML 15Page - Sensirion AG Switzerland STCC4 Datasheet HTML 16Page - Sensirion AG Switzerland STCC4 Datasheet HTML 17Page - Sensirion AG Switzerland STCC4 Datasheet HTML 18Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
17 / 18
5
Tape and Reel Packaging
The specifications for the tape and reel packaging can be found in Figure 7. The tape and reel packaging is
based on DIN EN 60286-317. The reel diameter is 7 inches for the 1’500-piece packaging size.
Figure 7. Technical drawing of tape and reel packaging. All dimensions in millimeters.
6
Ordering Information
Material Description Material Number
Details
Quantity (pcs)
STCC4-D-R3
3.000.976
STCC4-D-R3 CO2 I2C, ToR 1500 pcs
1’500
SEK-STCC4-Sensor
3.001.009
SEK-STCC4-Sensor Evaluation Kit, STCC4
on dev. board w. cables
1
Table 12. Ordering information
7
Revision History
Date
Version
Pages
Changes
June 2025
1
all
Initial version
17
DIN EN 60286-3:2007, April 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com