Electronic Components Datasheet Search
  English  ▼

X  

STCC4 Datasheet(PDF) 7 Page - Sensirion AG Switzerland

Part # STCC4
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4 Datasheet(HTML) 7 Page - Sensirion AG Switzerland

Back Button STCC4 Datasheet HTML 3Page - Sensirion AG Switzerland STCC4 Datasheet HTML 4Page - Sensirion AG Switzerland STCC4 Datasheet HTML 5Page - Sensirion AG Switzerland STCC4 Datasheet HTML 6Page - Sensirion AG Switzerland STCC4 Datasheet HTML 7Page - Sensirion AG Switzerland STCC4 Datasheet HTML 8Page - Sensirion AG Switzerland STCC4 Datasheet HTML 9Page - Sensirion AG Switzerland STCC4 Datasheet HTML 10Page - Sensirion AG Switzerland STCC4 Datasheet HTML 11Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
7 / 18
3
Sensor Operation
The STCC4 uses I2C communication based on the NXP I2C-bus specification and user manual12. Supported
I2C modes are Standard-mode, Fast-mode and Fast-mode Plus. Clock stretching is not supported.
3.1 I2C Address
The I2C address (I2C ADDR) for the STCC4 is 0x64. See Section 2.4 to select the alternative I2C address 0x65.
3.2 I2C Data Transfer Formats
The write, read and combined data transfer formats are visualized in Figure 2. Data and commands are
transferred in multiples of 16-bit words, with the most significant byte (MSB) transmitted first. All transfers
must begin with a start condition (S) and terminate with a stop condition (P). A sensor is addressed by sending
its 7-bit I2C address, followed by an eighth data direction bit denoting the communication direction (W/R):
“zero” indicates transmission to the target (i.e., “WRITE”) and “one” indicates a request for data (i.e., “READ”).
Data words are succeeded by an 8-bit checksum (cyclic redundancy check CRC-8, see Section 3.3). Command
words (CMD) contain a 3-bit CRC. In the write direction, the checksum must be transmitted. In read direction,
the master may abort transmission after any data byte by sending a not acknowledge (NACK) and a stop
condition. After receiving a command, the sensor requires the specified execution time before responding with
a ACK.
Figure 2. Write, read and combined data transfer formats
12
NXP I2C-bus specification and user manual UM10204, Rev.7, 01 November 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com