Electronic Components Datasheet Search
  English  ▼

X  

STCC4 Datasheet(PDF) 16 Page - Sensirion AG Switzerland

Part # STCC4
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4 Datasheet(HTML) 16 Page - Sensirion AG Switzerland

Back Button STCC4 Datasheet HTML 10Page - Sensirion AG Switzerland STCC4 Datasheet HTML 11Page - Sensirion AG Switzerland STCC4 Datasheet HTML 12Page - Sensirion AG Switzerland STCC4 Datasheet HTML 13Page - Sensirion AG Switzerland STCC4 Datasheet HTML 14Page - Sensirion AG Switzerland STCC4 Datasheet HTML 15Page - Sensirion AG Switzerland STCC4 Datasheet HTML 16Page - Sensirion AG Switzerland STCC4 Datasheet HTML 17Page - Sensirion AG Switzerland STCC4 Datasheet HTML 18Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
16 / 18
4.4 Traceability and Identification
All STCC4 sensors include a laser marking for identification and traceability as shown in Figure 5. The first line
of the laser marking includes a filled circle as a pin-1 indicator, followed by the product name (i.e. STCC4). The
second line of the laser marking serves as an internal batch tracking code.
Figure 5. Laser marking illustration
4.5 Soldering Instructions
The STCC4 sensors are designed to withstand a soldering profile for Pb-free assembly based on IPC/JEDEC J-
STD-02016 in IR/Convection reflow ovens, as seen in Figure 6. Recommended conditions are peak temperature
TP = 260 °C, time within actual peak temperature tp = 30 s and a maximum ramp-down rate of < 4 °C/s. The
sensor is not compatible with vapor phase reflow soldering. The membrane on top of the cap must not be
removed or wetted with any liquid. Do not apply any board wash process step subsequently to the reflow
soldering. If the PCB hosting the sensor passes through multiple solder cycles, it is recommended to assemble
the sensor during the last solder cycle.
Figure 6. Recommended soldering profile based on IPC/JEDEC J-STD-020.
16
IPC/JEDEC J-STD-020E, December 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com