Electronic Components Datasheet Search
  English  ▼

X  

ADS5413 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5413
Description  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5413 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5413 Datasheet HTML 1Page - Texas Instruments ADS5413 Datasheet HTML 2Page - Texas Instruments ADS5413 Datasheet HTML 3Page - Texas Instruments ADS5413 Datasheet HTML 4Page - Texas Instruments ADS5413 Datasheet HTML 5Page - Texas Instruments ADS5413 Datasheet HTML 6Page - Texas Instruments ADS5413 Datasheet HTML 7Page - Texas Instruments ADS5413 Datasheet HTML 8Page - Texas Instruments ADS5413 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ADS5413
SLWS153 − DECEMBER 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, clock frequency = 65 MSPS, 50% clock duty cycle (AVDD = OVDD = 3.3 V), duty cylce adjust off,
internal reference, AIN = −1 dBFS, 1.2-VPP square differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE
Power Supply
Total analog supply current with internal
reference and DCA on
113
I(AVDD)
Analog supply current with external reference
and DCA on
AIN = 0 dBFS, fIN = 2 MHz
96
mA
Analog supply current with internal and DCA off
reference
107
I(OVDD)
Digital output driver supply current
AIN = 0 dBFS, fIN = 2 MHz
8
mA
PD
Total power dissipation
AIN = 0 dBFS, fIN = 2 MHz
400
480
mW
PD
Power down dissipation
PWDN = high
23
50
mW
DC Accuracy
No missing codes
Assured
DNL
Differential nonlinearity
Sinewave input, fIN = 2 MHz
−0.9
±0.5
1
LSB
INL
Integral nonlinearity
Sinewave input, fIN = 2 MHz
−2
±1
2
LSB
EO
Offset error
Sinewave input, fIN = 2 MHz
3
mV
EG
Gain error
Sinewave input, fIN = 2 MHz
0.3
%FS
Internal Reference Generator
VREFB
Reference bottom
1.1
1.25
1.4
V
VREFT
Reference top
2.1
2.25
2.4
V
VREFT − VREFB
1.06
V
VREFT − VREFB variation (6σ)
0.06
V
V(CML)
Common-mode output voltage
1.8
V
Digital Inputs (PWD, DCA, REF SEL)
IIH
High-level input current
VI = 2.4 V
−60
60
µA
IIL
Low-level input current
VI = 0.3 V
−60
60
µA
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
Digital Outputs
VOH
High-level output voltage
IOH = 50 µA
2.4
V
VOL
Low-level output voltage
IOL = −50 µA
0.8
V
AC PERFORMANCE
fIN = 14 MHz
63
68.5
fIN = 39 MHz
68.5
SNR
Signal-to-noise ratio
fIN = 70 MHz
68.2
dBFS
SNR
Signal-to-noise ratio
fIN = 150 MHz
64.8
dBFS
fIN = 220 MHz
63.8
fIN = 14 MHz
62.5
67.6
fIN = 39 MHz
67.8
SINAD
Signal-to-noise and distortion
fIN = 70 MHz
67.9
dBFS
SINAD
Signal-to-noise and distortion
fIN = 150 MHz
63.2
dBFS
fIN = 220 MHz
63
fIN = 14 MHz
72
77.5
fIN = 39 MHz
79
SFDR
Spurious free dynamic range
fIN = 70 MHz
81
dBc
fIN = 150 MHz
69
fIN = 220 MHz
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com