Electronic Components Datasheet Search
  English  ▼

X  

ADS5413 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS5413
Description  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5413 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5413 Datasheet HTML 6Page - Texas Instruments ADS5413 Datasheet HTML 7Page - Texas Instruments ADS5413 Datasheet HTML 8Page - Texas Instruments ADS5413 Datasheet HTML 9Page - Texas Instruments ADS5413 Datasheet HTML 10Page - Texas Instruments ADS5413 Datasheet HTML 11Page - Texas Instruments ADS5413 Datasheet HTML 12Page - Texas Instruments ADS5413 Datasheet HTML 13Page - Texas Instruments ADS5413 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ADS5413
SLWS153 − DECEMBER 2003
www.ti.com
10
TYPICAL CHARACTERISTICS†
−0.5
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
0.5
0
4095
Figure 22
DIFFERENTIAL NONLINEARITY
Code
0.0
Figure 23
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
0
4095
INTEGRAL NONLINEARITY
Code
Figure 24
TA − Free-Air Temperature − °C
60
62
64
66
68
70
72
74
76
78
−40
−20
0
20406080
100
fS = 65 MSPS
fIN = 220 MHz
AC PERFORMANCE
vs
TEMERATURE
SFDR
SINAD
THD
f − Frequency − MHz
−20
−15
−10
−5
0
5
INPUT BANDWIDTH
10
100
1k
10k
‡ dB with respect to −3 dBFS
Figure 25
SNR
† 50% duty cycle. AVDD = 3.3 V, OVDD = 3.3 V, 25°C, DCA off, internal reference, Ain = –1 dBFS, CLK 2.8-VPP sine wave single ended, unless
otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com