Electronic Components Datasheet Search
  English  ▼

X  

ADS5413 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5413
Description  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5413 Datasheet(HTML) 5 Page - Texas Instruments

  ADS5413 Datasheet HTML 1Page - Texas Instruments ADS5413 Datasheet HTML 2Page - Texas Instruments ADS5413 Datasheet HTML 3Page - Texas Instruments ADS5413 Datasheet HTML 4Page - Texas Instruments ADS5413 Datasheet HTML 5Page - Texas Instruments ADS5413 Datasheet HTML 6Page - Texas Instruments ADS5413 Datasheet HTML 7Page - Texas Instruments ADS5413 Datasheet HTML 8Page - Texas Instruments ADS5413 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ADS5413
SLWS153 − DECEMBER 2003
www.ti.com
5
PIN ASSIGNMENTS
14 15
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11 (MSB)
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
AVDD
AGND
VINP
VINN
AGND
CML
AVDD
VREFB
VREFT
AVDD
AGND
NC
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PHP PACKAGE
(TOP VIEW)
THERMAL PAD
(Connect to GND Plane)
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
AVDD
1, 7, 10, 18,
40, 44, 45, 47
I
Analog power supply
AGND
2, 5, 11, 21,
41, 42, 43, 46
I
Analog ground
CLK
19
I
Clock input
CLKC
20
I
Complementary clock input
CML
6
O
Common-mode output voltage
D11−D0
25−36
O
Digital outputs, D11 is most significant data bit, D0 is least significant data bit.
DCA
24
I
Duty cycle adjust control. High = enable, low = disable, NC = enable
DECOUPLING
15
O
Decoupling pin. Add 0.1
µF to GND
NC
12, 14, 17, 37
Internally not connected
OGND
22, 39
I
Digital driver ground
OVDD
23, 38
I
Digital driver power supply
PWD
16
I
Power down. High = powered down, low = powered up, NC = powered up
REF SEL
48
I
Reference select. High = external reference, low = internal reference, NC = internal reference
VBG
13
O
Bandgap voltage output
VINN
4
I
Complementary analog input
VINP
3
I
Analog input
VREFB
8
I/O
Reference bottom
VREFT
9
I/O
Reference top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com