Electronic Components Datasheet Search
  English  ▼

X  

ADS5413 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS5413
Description  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5413 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5413 Datasheet HTML 5Page - Texas Instruments ADS5413 Datasheet HTML 6Page - Texas Instruments ADS5413 Datasheet HTML 7Page - Texas Instruments ADS5413 Datasheet HTML 8Page - Texas Instruments ADS5413 Datasheet HTML 9Page - Texas Instruments ADS5413 Datasheet HTML 10Page - Texas Instruments ADS5413 Datasheet HTML 11Page - Texas Instruments ADS5413 Datasheet HTML 12Page - Texas Instruments ADS5413 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ADS5413
SLWS153 − DECEMBER 2003
www.ti.com
9
TYPICAL CHARACTERISTICS†
Figure 16
Duty Cycle − %
55
60
65
70
75
80
85
25
30
35
40
45
50
55
60
65
fS = 65 MSPS
fIN = 14 MHz
AC PERFORMANCE
vs
DUTY CYCLE
SFDR (DCA On)
SNR (DCA On)
SFDR (DCA Off)
SNR (DCA Off)
NOTE:
CLK 1.15-VPP square-wave differential
Clock Level − VPP‡
55
57
59
61
63
65
67
69
71
73
75
77
0
12345
6
fS = 65 MSPS
fIN = 190 MHz
AC PERFORMANCE
vs
CLOCK LEVEL
Figure 17
SFDR SE 3.3
‡ Measured from CLK to CLKC
SFDR SE 1.8
SFDR Diff 3.3
SFDR Diff 1.8
SNR SE 3.3
SNR SE 1.8
SNR Diff 1.8
SNR Diff 3.3
Figure 18
Clock Common Mode − V
60
64
68
72
76
80
84
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
AC PERFORMANCE
vs
CLOCK COMMON MODE
fS = 65 MSPS
fIN = 14 MHz
DCS On
SFDR
THD
SNR
SINAD
NOTE:
CLK 1-VPP square-wave differential
fIN − Input Frequency − MHz
58
60
62
64
66
68
70
0
50
100
150
200
250
SIGNAL-TO−NOISE RATIO
vs
INPUT FREQUENCY
fS = 65 MSPS
Figure 19
DCA On
BP Filter
DCA Off
BP Filter
DCA Off
No Filter
DCA On
No Filter
DCA Off
BP Filter
OVDD = 1.8 V
Figure 20
AVDD − Analog Supply Voltage − V
62
64
66
68
70
72
74
76
78
80
3.0
3.2
3.4
3.6
fS = 65 MSPS
fIN = 190 MHz
AC PERFORMANCE
vs
ANALOG SUPPLY VOLTAGE
SFDR
SNR
OVDD − Output Supply Voltage − V
63
64
65
66
67
68
69
70
71
72
73
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
fS = 65 MSPS
fIN = 190 MHz
AC PERFORMANCE
vs
OUTPUT SUPPLY VOLTAGE
SFDR
SNR
Figure 21
† 50% duty cycle. AVDD = 3.3 V, OVDD = 3.3 V, 25°C, DCA off, internal reference, Ain = –1 dBFS, CLK 2.8-VPP sine wave single ended, unless
otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com