Electronic Components Datasheet Search
  English  ▼

X  

TIL111 Datasheet(PDF) 2 Page - SYC Electronica

Part # TIL111
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TIL111 Datasheet(HTML) 2 Page - SYC Electronica

  TIL111 Datasheet HTML 1Page - SYC Electronica TIL111 Datasheet HTML 2Page - SYC Electronica TIL111 Datasheet HTML 3Page - SYC Electronica TIL111 Datasheet HTML 4Page - SYC Electronica TIL111 Datasheet HTML 5Page - SYC Electronica TIL111 Datasheet HTML 6Page - SYC Electronica TIL111 Datasheet HTML 7Page - SYC Electronica TIL111 Datasheet HTML 8Page - SYC Electronica TIL111 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
6/15/05
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
Page 2 of 14
© 2005 Fairchild Semiconductor Corporation
TIL111
TIL111-M
TIL117-M
MOC8100-M
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Device
Symbol
Value
Units
TOTAL DEVICE
Storage Temperature
All
TSTG
-55 to +150
°C
Operating Temperature
All
TOPR
-55 to +100
°C
Lead Solder Temperature
All
TSOL
260 for 10 sec
°C
Total Device Power Dissipation @ TA = 25°C
Derate above 25°C
All
PD
250
mW
3.3 (non-M) 2.94 (-M)
mW/°C
EMITTER
DC/Average Forward Input Current
All
IF
100 (non-M), 60 (-M)
mA
Reverse Input Voltage
TIL111/TIL111-M
VR
3
V
MOC8100-M/TIL117-M
6
Forward Current - Peak (300µs, 2% Duty Cycle)
All
IF(pk)
3
A
LED Power Dissipation @ TA = 25 °C
Derate above 25°C
All
PD
150 (non-M), 120 (-M)
mW
2.0 (non-M), 1.41 (-M)
mW/°C
DETECTOR
Collector-Emitter Voltage
All
VCEO
30
V
Collector-Base Voltage
All
VCBO
70
V
Emitter-Collector Voltage
TIL111-M/TIL117-M
VECO
7
V
Emitter-Base Voltage
All
VEBO
7
Detector Power Dissipation @ TA = 25 °C
Derate above 25°C
All
PD
150
mW
2.0 (non-M), 1.76 (-M)
mW/°C
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com