Electronic Components Datasheet Search
  English  ▼

X  

TIL111 Datasheet(PDF) 1 Page - SYC Electronica

Part # TIL111
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TIL111 Datasheet(HTML) 1 Page - SYC Electronica

  TIL111 Datasheet HTML 1Page - SYC Electronica TIL111 Datasheet HTML 2Page - SYC Electronica TIL111 Datasheet HTML 3Page - SYC Electronica TIL111 Datasheet HTML 4Page - SYC Electronica TIL111 Datasheet HTML 5Page - SYC Electronica TIL111 Datasheet HTML 6Page - SYC Electronica TIL111 Datasheet HTML 7Page - SYC Electronica TIL111 Datasheet HTML 8Page - SYC Electronica TIL111 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
6/15/05
WHITE PACKAGE (-M SUFFIX)
Page 1 of 14
© 2005 Fairchild Semiconductor Corporation
BLACK PACKAGE (NO -M SUFFIX)
6
1
6
1
6
1
6
1
6
6
1
1
TIL111
TIL111-M
TIL117-M
MOC8100-M
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
DESCRIPTION
The MOC8100, TIL111 and TIL117 optocouplers consist of a gallium arsenide infrared emitting diode driving a silicon phototransis-
tor in a 6-pin dual in-line package.
FEATURES
•
The TIL111 is also available in both black and white packages by specifying -M suffix, e.g. TIL111-M for the white package and
no suffix for the black package.
•
UL recognized (File # E90700)
•
VDE recognized (File # 94766); (File #102497 for white package)
- Add option V for white package (e.g., TIL111V-M)
- Add option 300 for black package (e.g., TIL111.300)
APPLICATIONS
•Power supply regulators
•
Digital logic inputs
•
Microprocessor inputs
•
Appliance sensor systems
•
Industrial controls
SCHEMATIC
PIN 1. ANODE
2. CATHODE
3. NO CONNECTION
4. EMITTER
5. COLLECTOR
6. BASE
2
1
3NC
5
6
4
TIL111
OPTO A TRAN VCEO=30V CTR=50
www.sycelectronica.com.ar


Similar Part No. - TIL111

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
TIL111 QT-TIL111 Datasheet
302Kb / 4P
PHOTOTRANSISTOR OPTOISOLATOR
logo
Fairchild Semiconductor
TIL111 FAIRCHILD-TIL111 Datasheet
619Kb / 14P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Texas Instruments
TIL111 TI-TIL111 Datasheet
297Kb / 7P
COMPATIBLE WITH STANDARD TTL INTEGATED CIRCUITS
logo
Fairchild Semiconductor
TIL111 FAIRCHILD-TIL111 Datasheet
609Kb / 14P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ISOCOM COMPONENTS
TIL111 ISOCOM-TIL111 Datasheet
53Kb / 3P
OPTICALLY COUPLED ISOLATOR HOTOTRANSISTOR OUTPUT
More results

Similar Description - TIL111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
General Purpose 6-Pin Phototransistor Optocouplers
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
General Purpose 6-Pin Phototransistor Optocouplers
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
General Purpose 6-Pin Phototransistor Optocouplers
logo
ON Semiconductor
4N35 ONSEMI-4N35 Datasheet
545Kb / 10P
6-Pin General Purpose Phototransistor Optocouplers
September, 2022 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com