Electronic Components Datasheet Search
  English  ▼

X  

TIL111 Datasheet(PDF) 4 Page - SYC Electronica

Part # TIL111
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TIL111 Datasheet(HTML) 4 Page - SYC Electronica

  TIL111 Datasheet HTML 1Page - SYC Electronica TIL111 Datasheet HTML 2Page - SYC Electronica TIL111 Datasheet HTML 3Page - SYC Electronica TIL111 Datasheet HTML 4Page - SYC Electronica TIL111 Datasheet HTML 5Page - SYC Electronica TIL111 Datasheet HTML 6Page - SYC Electronica TIL111 Datasheet HTML 7Page - SYC Electronica TIL111 Datasheet HTML 8Page - SYC Electronica TIL111 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
6/15/05
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
Page 4 of 14
© 2005 Fairchild Semiconductor Corporation
TIL111
TIL111-M
TIL117-M
MOC8100-M
* Typical values at TA = 25°C
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristic
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
Current Transfer Ratio,
Collector to Emitter
(IF = 10 mA, VCE = 10 V)
CTRCE
TIL117-M
50
%
(IF = 1 mA, VCE = 5 V)
MOC8100-M
50
%
(IF = 1 mA, VCE = 5 V, TA = 0 to +70°C)
30
On-State Collector Current
(Phototransistor Operation)
(IF = 16 mA, VCE = 0.4 V)
IC(ON)
TIL111
TIL111-M
2mA
On-State Collector Current
(Photodiode Operation)
(IF = 16 mA, VCB = 0.4V)
7
µA
Collector-Emitter Saturation
Voltage
(IC = 500 µA, IF = 10 mA)
VCE (SAT)
TIL117-M
0.4
V
(IC = 2 mA, IF = 16 mA)
TIL111
TIL111-M
0.4
(IC = 100 µA, IF = 1 mA)
MOC8100-M
0.5
AC Characteristic
Turn-On Time
(IC = 2 mA, VCC = 10 V,
RL = 100Ω) (Fig. 20)
TON
MOC8100-M
20
µs
TIL117-M
10
Turn-Off Time
TOFF
MOC8100-M
20
µs
TIL117-M
10
Rise Time
tr
MOC8100-M
TIL117-M
2
µs
Fall Time
tf
2
Rise Time
(Phototransistor Operation)
(IC(ON) = 2 mA, VCC = 10 V,
RL = 100Ω) (Fig. 20)
tr
TIL111
TIL111-M
10
µs
Fall Time
(Phototransistor Operation)
tf
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com