Electronic Components Datasheet Search
  English  ▼

X  

HM203 Datasheet(PDF) 5 Page - TT Electronics.

Part # HM203
Description  EV Charging Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM203 Datasheet(HTML) 5 Page - TT Electronics.

  HM203 Datasheet HTML 1Page - TT Electronics. HM203 Datasheet HTML 2Page - TT Electronics. HM203 Datasheet HTML 3Page - TT Electronics. HM203 Datasheet HTML 4Page - TT Electronics. HM203 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Cautions & Warnings
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specificaon without
no ce or liability. All informaon is subject to TT Electronics’ own data and is
considered accurate at me of going to print.
Issue B
01/2023 Page 5
TT Electronics | BI Technologies
A-1445, Jalan Tanjung Api, 25050 Kuantan, Pahang Darul Makmur, Malaysia
Ph: +60 9 565 8888
hps://www.electronics.com/contact-us/
12. Avoid placing magnec components near the edge of the PCB. It is at the customer's discreon to have the proper
design and PCB layout so that components are not damaged in any way during handling or cause any EMI issues.
13. Don't touch any exposed winding part and avoid coming into contact with the guide of the electrode as due to the
charge stored may cause an electric shock. It is the customer's discreon to inform all relevant personal handling the
components accordingly.
14. The inductor/coil/common mode choke generates heat when current is applied. Please take into consideraon this
during the design or tesng stage.
15. Ferrites are sensive to direct impact. This can cause the core material to flake, or lead to breakage of the core. Always
handle the product with care to prevent any damage.
16. Our specificaon specifies the quality of the component as a single unit. Please ensure the component is thoroughly
evaluated in the customer applicaon circuit, therefor even for customized products, conclusive validaon of the
component in the circuit can only be carried out by the customer.
17. The general tes ng condion is at the room temperature of 25°C +/- 5°C and humidity under 70% RH, which is applied to
all products. It is the customer's responsibility to validate that a parcular product with the properes described in the
product specificaon is suitable for use in a parcular applicaon. Parameters provided in datasheets and/or specifica ons
may vary in different applicaons and performance may vary over me. All operang parameters, including typical
parameters, must be validated for each customer applicaon by the customer.
18. If you have any queries, please feel free to contact our sales team.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com