Electronic Components Datasheet Search
  English  ▼

X  

HM203 Datasheet(PDF) 2 Page - TT Electronics.

Part # HM203
Description  EV Charging Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM203 Datasheet(HTML) 2 Page - TT Electronics.

  HM203 Datasheet HTML 1Page - TT Electronics. HM203 Datasheet HTML 2Page - TT Electronics. HM203 Datasheet HTML 3Page - TT Electronics. HM203 Datasheet HTML 4Page - TT Electronics. HM203 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV Charging Inductor
HM203-10161LF
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specificaon without
no ce or liability. All informaon is subject to TT Electronics’ own data and is
considered accurate at me of going to print.
Issue B
01/2023 Page 2
TT Electronics | BI Technologies
A-1445, Jalan Tanjung Api, 25050 Kuantan, Pahang Darul Makmur, Malaysia
Ph: +60 9 565 8888
hps://www.electronics.com/contact-us/
Electrical Specifications
Performance Curve
Parameter
MIN
TYP
MAX
Units
Parameter
MIN
TYP
MAX
Units
Inductance
133
166
199
uH
Inductance
533
666
799
uH
Rated current
(1)
26
A
Rated current
(1)
13
A
Saturaon current
(2)
55
A
Saturaon current
(2)
25
A
DC Resistance
16
20
mΩ
DC Resistance
64
80
mΩ
Parallel Connecon
Series Connecon
Notes:
(1) Rated current is the approximate DC current at which ∆T = 40°C
(2) Saturaon current is the DC current at which inductance drop approximately 30% from its inial value.
(3) Inductance is measured at 100kHz 0.1V.
(4) Customer to layout PCB design according to their applicaon (Parallel or Series).
(5) An unit weight is about 660g.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com