Electronic Components Datasheet Search
  English  ▼

X  

HM203 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM203
Description  EV Charging Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM203 Datasheet(HTML) 1 Page - TT Electronics.

  HM203 Datasheet HTML 1Page - TT Electronics. HM203 Datasheet HTML 2Page - TT Electronics. HM203 Datasheet HTML 3Page - TT Electronics. HM203 Datasheet HTML 4Page - TT Electronics. HM203 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV Charging Inductor
HM203-10161LF
© TT electronics plc
Issue B
01/2023 Page 1
General Note
TT Electronics reserves the right to make changes in product specificaon without
no ce or liability. All informaon is subject to TT Electronics’ own data and is
considered accurate at me of going to print.
TT Electronics | BI Technologies
A-1445, Jalan Tanjung Api, 25050 Kuantan, Pahang Darul Makmur, Malaysia
Ph: +60 9 565 8888
hps://www.electronics.com/contact-us/
Description:
In par with the increasing of the Electric Vehicle (EV), the need for charging infrastructure grows together. One of the most
crical component in the charging system is the EV charging inductor.
An on-board charger converts the voltage from AC to DC, where the similar system can be found in an Electric Vehicle
Supply Equipment (EVSE).
Applications:
Off-board charger
Electric Vehicle Supply Equipment
Power factor correcon for AC to DC converter in EV charging sta ons
Features:
Operang temperature range -40°C to +155°C
Parallel and series configuraon
166uH inductance at 16mΩ DCR (Parallel)
666uH inductance at 64mΩ DCR (Series)
26Adc rated current (Parallel) at 40°C temperature rise
55Adc saturaon current (Parallel)
Dielectric strength 2kVdc
RoHS compliant


Similar Part No. - HM203

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2030Q HMSEMI-HM2030Q Datasheet
1Mb / 7P
Dual N-Ch Fast Switching MOSFETs
More results

Similar Description - HM203

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1247578 PHOENIX-1247578 Datasheet
386Kb / 9P
AC charging cable - EV-T2G3PC-3AC20A-5,0M2,5ESYE11
1627133 PHOENIX-1627133 Datasheet
427Kb / 10P
AC charging cable - EV-T2G3PC-1AC32A-4,0M6,0EHBK01
1624153 PHOENIX-1624153 Datasheet
198Kb / 4P
Charging connector holder - EV-T2CCS-PARK
1627113 PHOENIX-1627113 Datasheet
289Kb / 8P
AC charging cable - EV-TCM3PC-1AC16A-4,0M2,5ESBK00
1105880 PHOENIX-1105880 Datasheet
460Kb / 8P
DC charging cable - EV-T1G2CC-DC40A-5,0M10ASBK11
1236538 PHOENIX-1236538 Datasheet
460Kb / 8P
DC charging cable - EV-T1G2CC-DC40A-7,0M10ASBK11
1236561 PHOENIX-1236561 Datasheet
460Kb / 8P
DC charging cable - EV-T1G2CC-DC80A-6,0M6ASBK11
1236824 PHOENIX-1236824 Datasheet
509Kb / 9P
DC charging cable - EV-T2G4CC-DC40A-6,0M6,0ESBK11
1627692 PHOENIX-1627692 Datasheet
162Kb / 9P
AC charging cable - EV-T2G3PC-3AC32A-5,0M6,0ESBK01
09/11/2020
1628020 PHOENIX-1628020 Datasheet
478Kb / 9P
AC charging cable - EV-TAG3PK-1AC20A-4,0M2,5EHBK01
02/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com