Electronic Components Datasheet Search
  English  ▼

X  

CLC007 Datasheet(PDF) 6 Page - Texas Instruments

Part # CLC007
Description  CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLC007 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CLC007 Datasheet HTML 2Page - Texas Instruments CLC007 Datasheet HTML 3Page - Texas Instruments CLC007 Datasheet HTML 4Page - Texas Instruments CLC007 Datasheet HTML 5Page - Texas Instruments CLC007 Datasheet HTML 6Page - Texas Instruments CLC007 Datasheet HTML 7Page - Texas Instruments CLC007 Datasheet HTML 8Page - Texas Instruments CLC007 Datasheet HTML 9Page - Texas Instruments CLC007 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
VEE
VCC
VEE
VCC
CLC007
8
4
3
5
2
R8
75:
C3
0.1 PF
R7
75:
C2
0.1 PF
J4
VCC
6
7
J5
J2
VIN+
R1
154:
R4
75:
VEE
R3
154:
R5
75:
J1
VIN-
-
+
R6
75:
C1
0.1 PF
J3
R9
75:
C4
0.1 PF
J6
1
CLC007
SNLS016E – JULY 1998 – REVISED APRIL 2013
www.ti.com
Figure 7. Differential 50
Ω ECL Input
Output Interfacing
The CLC007’s class AB output stage, Figure 8, requires no standing current in the output transistors and
therefore requires no biasing or pull-down resistors. Advantages of this arrangement are lower power dissipation
and fewer external components. The output may be either D.C. or A.C. coupled to the load. A bandgap voltage
reference sets output voltage levels which are compatible with F100K and 10K ECL when correctly terminated.
The outputs do not have the same output voltage temperature coefficient as 10K. Therefore, noise margins will
be reduced over the full temperature range when driving 10K ECL. Noise margins will not be affected when
interfacing to F100K since F100K is fully voltage and temperature compensated.
Figure 8. Output Stage
6
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: CLC007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com