Electronic Components Datasheet Search
  English  ▼

X  

CLC007 Datasheet(PDF) 8 Page - Texas Instruments

Part # CLC007
Description  CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLC007 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CLC007 Datasheet HTML 4Page - Texas Instruments CLC007 Datasheet HTML 5Page - Texas Instruments CLC007 Datasheet HTML 6Page - Texas Instruments CLC007 Datasheet HTML 7Page - Texas Instruments CLC007 Datasheet HTML 8Page - Texas Instruments CLC007 Datasheet HTML 9Page - Texas Instruments CLC007 Datasheet HTML 10Page - Texas Instruments CLC007 Datasheet HTML 11Page - Texas Instruments CLC007 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
500
1000
1500
2000
2500
3000
0
10
20
30
40
50
RISE TIME (ps)
CLC007
SNLS016E – JULY 1998 – REVISED APRIL 2013
www.ti.com
Output Rise And Fall Times
Output load capacitance can significantly affect output rise and fall times. The effect of load capacitance, stray or
otherwise, may be reduced by placing the output back-match resistor close to the output pin and by minimizing
all interconnecting trace lengths. Figure 10 shows the effect on risetime of parallel load capacitance across a
150
Ω load.
Figure 10. Rise Time vs CL
PCB Layout Recommendations
Printed circuit board layout affects the performance of the CLC007. The following guidelines will aid in achieving
satisfactory device performance.
•
Use a ground plane or power/ground plane sandwich design for optimum performance.
•
Bypass device power with a 0.01 µF monolithic ceramic capacitor in parallel with a 6.8 µF tantalum
electrolytic capacitor located no more than 0.1” (2.5 mm) from the device power pins.
•
Provide short, symmetrical ground return paths for:
–
Inputs,
–
Supply bypass capacitors and
–
The output load.
•
Provide short, grounded guard traces located
–
Under the centerline of the package,
–
0.1” (2.5 mm) from the package pins
–
On both top and bottom of the board with connecting vias.
8
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: CLC007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com