Electronic Components Datasheet Search
  English  ▼

X  

CLC007 Datasheet(PDF) 1 Page - Texas Instruments

Part # CLC007
Description  CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLC007 Datasheet(HTML) 1 Page - Texas Instruments

  CLC007 Datasheet HTML 1Page - Texas Instruments CLC007 Datasheet HTML 2Page - Texas Instruments CLC007 Datasheet HTML 3Page - Texas Instruments CLC007 Datasheet HTML 4Page - Texas Instruments CLC007 Datasheet HTML 5Page - Texas Instruments CLC007 Datasheet HTML 6Page - Texas Instruments CLC007 Datasheet HTML 7Page - Texas Instruments CLC007 Datasheet HTML 8Page - Texas Instruments CLC007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
2
3
4
5
6
TIME (1 ns/Div)
0
4
3
2
Q0
1
Q0
5
6
7
8
VEE
VIN-
VIN+
VCC
Q1
Q1
CLC007
www.ti.com
SNLS016E – JULY 1998 – REVISED APRIL 2013
CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
Check for Samples: CLC007
1
FEATURES
DESCRIPTION
The Texas Instruments Comlinear CLC007 is a
2
•
No External Pull-Down Resistors
monolithic, high-speed cable driver designed for the
•
Differential Input and Output
SMPTE 259M serial digital video data transmission
•
Low Power Dissipation
standard. The CLC007 drives 75
Ω transmission lines
(Belden 8281 or equivalent) at data rates up to 400
•
Single +5V or
−5.2V Supply
Mbps. Controlled output rise and fall times (750 ps
•
Replaces GS9007 in Most Applications
typical) minimize transition-induced jitter. The output
voltage swing, typically 1.65V, set by an accurate,
APPLICATIONS
low-drift internal bandgap reference, delivers an 800
mV swing to back-matched and terminated 75
Ω
•
Digital Routers and Distribution Amplifiers
cable.
•
Coaxial Cable Driver for Digital Transmission
Line
The CLC007’s class AB output stage consumes less
power than other designs, 195 mW with all outputs
•
Twisted Pair Driver
terminated, and requires no external bias resistors.
•
Digital Distribution Amplifiers
The differential inputs accept a wide range of digital
•
SMPTE, Sonet/SDH, and ATM Compatible
signals from 200 mVP-P to ECL levels within the
specified common-mode limits. All this make the
Driver
CLC007 an excellent general purpose high speed
•
Buffer Applications
driver for digital applications.
KEY SPECIFICATION
The CLC007 is powered from a single +5V or
−5.2V
supply and comes in an 8-pin SOIC package.
•
650 ps Rise and Fall Times
•
Data Rates to 400 Mbps
•
2 Sets of Complimentary Outputs
•
200 mV Differential Input
•
Low Residual Jitter (25 pspp)
270 Mbps Eye Pattern
Connection Diagram
Figure 2. 8-Pin SOIC
See D Package
Figure 1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CLC007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
Serial Digital Cable Driver with Dual Complementary Outputs
CLC007 NSC-CLC007 Datasheet
269Kb / 10P
Serial Digital Cable Driver with Dual Complementary
CLC007AJE NSC-CLC007AJE Datasheet
136Kb / 10P
Serial Digital Cable Driver with Dual Complementary Outputs
logo
Texas Instruments
CLC007BM TI-CLC007BM Datasheet
845Kb / 15P
CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
CLC007BM/NOPB TI-CLC007BM/NOPB Datasheet
845Kb / 15P
CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
More results

Similar Description - CLC007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
Serial Digital Cable Driver with Dual Complementary Outputs
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
CLC007 NSC-CLC007_07 Datasheet
269Kb / 10P
Serial Digital Cable Driver with Dual Complementary
logo
Texas Instruments
CLC007BM TI-CLC007BM Datasheet
845Kb / 15P
CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com