Electronic Components Datasheet Search
  English  ▼

X  

DAC1280IPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC1280IPWR
Description  Low Distortion Digital-to-Analog Converter for Seismic Monitoring
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1280IPWR Datasheet(HTML) 2 Page - Texas Instruments

  DAC1280IPWR Datasheet HTML 1Page - Texas Instruments DAC1280IPWR Datasheet HTML 2Page - Texas Instruments DAC1280IPWR Datasheet HTML 3Page - Texas Instruments DAC1280IPWR Datasheet HTML 4Page - Texas Instruments DAC1280IPWR Datasheet HTML 5Page - Texas Instruments DAC1280IPWR Datasheet HTML 6Page - Texas Instruments DAC1280IPWR Datasheet HTML 7Page - Texas Instruments DAC1280IPWR Datasheet HTML 8Page - Texas Instruments DAC1280IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DAC1280
SBAS432A – APRIL 2010 – REVISED SEPTEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
For the most current package and ordering information see the Package Option Addendum at the end of this
document, or see the device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
DAC1280
MIN
MAX
UNIT
AVDD to AVSS
–0.3
+5.5
V
AVSS to DGND
–2.8
+0.3
V
DVDD to DGND
–0.3
+3.6
V
Input current, momentary
–100
+100
mA
Input current, continuous
–10
+10
mA
Analog input or output voltage to DGND
AVSS – 0.3
AVDD + 0.3
V
Digital input voltage to DGND
–0.3
DVDD + 0.3
V
Maximum junction temperature
+150
°C
Operating temperature range
–40
+125
°C
Storage temperature range
–60
+150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
THERMAL INFORMATION
DAC1280
THERMAL METRIC(1)
TSSOP
UNITS
16 PINS
qJA
Junction-to-ambient thermal resistance(2)
111.9
qJCtop
Junction-to-case (top) thermal resistance(3)
33.3
qJB
Junction-to-board thermal resistance(4)
52.4
°C/W
yJT
Junction-to-top characterization parameter(5)
2.0
yJB
Junction-to-board characterization parameter(6)
51.2
qJCbot
Junction-to-case (bottom) thermal resistance(7)
—
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter, yJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter, yJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com