Electronic Components Datasheet Search
  English  ▼

X  

DAC1280IPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC1280IPWR
Description  Low Distortion Digital-to-Analog Converter for Seismic Monitoring
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1280IPWR Datasheet(HTML) 4 Page - Texas Instruments

  DAC1280IPWR Datasheet HTML 1Page - Texas Instruments DAC1280IPWR Datasheet HTML 2Page - Texas Instruments DAC1280IPWR Datasheet HTML 3Page - Texas Instruments DAC1280IPWR Datasheet HTML 4Page - Texas Instruments DAC1280IPWR Datasheet HTML 5Page - Texas Instruments DAC1280IPWR Datasheet HTML 6Page - Texas Instruments DAC1280IPWR Datasheet HTML 7Page - Texas Instruments DAC1280IPWR Datasheet HTML 8Page - Texas Instruments DAC1280IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
I
, |
= 0.94
AVDD
(1 + 22
Gain)
I
|
AVSS
·
·
V
R
REF
REF
DAC1280
SBAS432A – APRIL 2010 – REVISED SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum specifications at –40°C to +85°C, typical specifications at +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD =
3.3V, CLK = 4.096MHz, VREF = 5V, and RREF = 30kΩ, unless otherwise noted. Refer to circuit configuration shown in
Figure 35.
DAC1280
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE RESISTOR (RREF)
Reference resistor
28
30
60
k
Ω
DIGITAL INPUTS (DVDD = 1.65V to 3.6V)
VIH
0.8 × DVDD
DVDD
V
VIL
DGND
0.2 × DVDD
V
Input hysteresis
0.5
V
Input leakage
0 < VIN < DVDD
–10
10
mA
CLOCK INPUT (fCLK)
Frequency
1
4.096
MHz
TDATA INPUT
Frequency
fCLK/16
MHz
1s density modulation
25
75
%
POWER SUPPLY
AVSS
–2.6
0
V
AVDD
AVSS + 4.75
AVSS + 5.25
V
DVDD
1.65
3.6
V
Gain = 1/1
3.6
3.7
| mA |
AVDD, AVSS current(8)
Power-down
1
10
| mA |
Operating
60
150
mA
DVDD current
Power-down(9)
1
10
mA
Gain = 1/1
18
mW
Power dissipation
Power-down
8
mW
TEMPERATURE RANGE
Specified temperature range
–40
+85
°C
Operating temperature range
–40
+125
°C
Storage temperature range
–40
+150
°C
(8)
Typical analog supply current depends on gain, VREF, and RREF:
(9)
CLK and TDATA stopped. Digital inputs maintained at VIH or VIL levels.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com