Electronic Components Datasheet Search
  English  ▼

X  

DAC1280IPWR Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC1280IPWR
Description  Low Distortion Digital-to-Analog Converter for Seismic Monitoring
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1280IPWR Datasheet(HTML) 5 Page - Texas Instruments

  DAC1280IPWR Datasheet HTML 1Page - Texas Instruments DAC1280IPWR Datasheet HTML 2Page - Texas Instruments DAC1280IPWR Datasheet HTML 3Page - Texas Instruments DAC1280IPWR Datasheet HTML 4Page - Texas Instruments DAC1280IPWR Datasheet HTML 5Page - Texas Instruments DAC1280IPWR Datasheet HTML 6Page - Texas Instruments DAC1280IPWR Datasheet HTML 7Page - Texas Instruments DAC1280IPWR Datasheet HTML 8Page - Texas Instruments DAC1280IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
1
2
3
4
5
6
7
8
CLK
TDATA
t
CTHD
t
TSOP
t
TCSU
t
SCSU
t
CPW
t
CPW
t
CLK
DAC OUTPUT
21
TDATA
Sample
9
Next TDATA
Sample
t
SYLW
t
STDAT
t
TDATA
SYNC
Output
Hold
Output
Update
DAC1280
www.ti.com
SBAS432A – APRIL 2010 – REVISED SEPTEMBER 2010
TIMING CHARACTERISTICS
space
Figure 1.
TIMING REQUIREMENTS
At TA = –40°C to +85°C and DVDD = 1.65V to 3.6V.
PARAMETER
MIN
TYP
MAX
UNIT
tCLK
CLK period (1/fCLK)
240
1000
ns
tCPW
CLK high or low pulse width
100
ns
tSCSU
SYNC rising edge to CLK rising edge setup time
30
ns
tTCSU
TDATA to CLK rising edge setup time
30
ns
tCTHD
CLK rising edge to TDATA hold time
10
ns
tSYLW
SYNC low pulse width
2
tCLK
tSTDAT
Rising CLK after SYNC high to TDATA sample time
5
tCLK
tTSOP
TDATA sample to output update
4
tCLK
tTDATA
TDATA period
16
tCLK
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com