Electronic Components Datasheet Search
  English  ▼

X  

DAC1280IPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC1280IPWR
Description  Low Distortion Digital-to-Analog Converter for Seismic Monitoring
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1280IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC1280IPWR Datasheet HTML 3Page - Texas Instruments DAC1280IPWR Datasheet HTML 4Page - Texas Instruments DAC1280IPWR Datasheet HTML 5Page - Texas Instruments DAC1280IPWR Datasheet HTML 6Page - Texas Instruments DAC1280IPWR Datasheet HTML 7Page - Texas Instruments DAC1280IPWR Datasheet HTML 8Page - Texas Instruments DAC1280IPWR Datasheet HTML 9Page - Texas Instruments DAC1280IPWR Datasheet HTML 10Page - Texas Instruments DAC1280IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/1
4k FFT
V
= 0.5dBFS, 31.25Hz
THD = 129.2dB
SNR = 120.5dB
-
OUT
-
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/2
4k FFT
V
= 0.5dBFS, 31.25Hz
THD = 128.9dB
SNR = 119.5dB
-
OUT
-
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/4
4k FFT
V
= 0.5dBFS, 31.25Hz
THD = 127.6dB
SNR = 117.4dB
-
OUT
-
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/8
4k FFT
V
= 0.5dBFS, 31.25Hz
THD = 126dB
SNR = 114.1dB
OUT
-
-
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/16
8k FFT
V
= 0.5dBFS, 31.25Hz
THD = 124.8dB
SNR = 109.4dB
OUT
-
-
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/32
8k FFT
V
= 0.5dBFS, 31.25Hz
THD = 117.6dB
SNR = 104.8dB
OUT
-
-
DAC1280
www.ti.com
SBAS432A – APRIL 2010 – REVISED SEPTEMBER 2010
TYPICAL CHARACTERISTICS
At TA = +25°C, AVDD = +2.5V, AVSS = +2.5V, DVDD = +3.3V, CLK = 4.096MHz, VREF = +5V, and RREF = 30kΩ, unless
otherwise noted. Data acquired using circuit configuration shown in Figure 35. THD and SNR measured by ADS1282 (1ms
sampling and complement gain setting).
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 2.
Figure 3.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 4.
Figure 5.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 6.
Figure 7.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com