Electronic Components Datasheet Search
  English  ▼

X  

STR450 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STR450
Description  UHF RECEIVER OPERATING INSTRUCTIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STR450 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STR450 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 5Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 6Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Figure 5 Programming lead
USER ADJUSTMENTS
It is possible to adjust the level at which the squelch circuit operates using RV1. This
adjustment can be accessed by carefully removing the fingered lid. Refer to Figure 4
for location of RV1. When adjusting RV1 take care not to adjust the adjacent L8 or
C15.
FREQUENCY PROGRAMMING
The STR450 has an internal memory which can store up to 128 RF channels (16
randomly programmed and 112 sequentially programmed).
The frequency and set-up information is programmed into the unit by a series of 8 byte
data packets over a 1200 baud RS232 interface. Each packet includes a 16 bit sync
code and an 11 bit checksum to eliminate the possibility of spurious reprogramming.
The software supplied with the STR450 receiver is the STRPRG.exe program, which
can be run on a PC with the serial port connected to PL2 of the STR450 receiver via
a suitable lead as shown in Figure 5. If the read-back function is desired, then the
squelch flag output of the receiver must be connected to pin 2 of the PC serial port,
with a 1k pull-up resistor to +5V provided.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com