Electronic Components Datasheet Search
  English  ▼

X  

STR450 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STR450
Description  UHF RECEIVER OPERATING INSTRUCTIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STR450 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  STR450 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 5Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 6Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Programming from customer equipment
In the event of a customer wishing to program the STR450 receiver from his own
equipment then the following data sequence must be used allowing 5ms between the
characters in the data stream:
1200 baud, RS232 interface, 1 start bit - 8 bit data - no parity - 1 stop bit
BE (decimal 190) synchronising code
7 bit channel 0 - 127 (bit 7 = 0)
C5 (decimal 197) confirmation byte
Further details on this aspect of programming are available from Wood & Douglas,
please contact the Sales Office at the address given at the end of this instruction.
RANGE INFORMATION
The following table gives an indication of the typical ranges to be expected between a
transmitter and receiver that have simple end-fed dipole antennas.
The following assumptions have been made in the calculations:
line-of-sight between antennas
0dB gain for the transmitter and receiver antennas
0dB loss for connectors and cables between the antenna and the radio connector
20dB fade and environmental margin
-100dBm received signal strength, allowing for digital and analogue signals
Range versus TX power
Frequency (MHz)
Power (mW)
Power (dBm)
Range (km)
458.5
1mW
0
0.5
458.5
10mW
10
1.7
458.5
100mW
20
5.3
458.5
500mW
27
11.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com