Electronic Components Datasheet Search
  English  ▼

X  

STR450 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # STR450
Description  UHF RECEIVER OPERATING INSTRUCTIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STR450 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  STR450 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 5Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 6Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Wood and Douglas Ltd, Lattice House,
Baughurst Road, Tadley, Hampshire RG26 5LP
Tel: +44(0) 118 981 1444. Fax: +44(0) 118 981 1567
1.1/October 1998. 1892 1207
TECHNICAL SPECIFICATIONS
Frequency range
:
430 - 450 MHz, 450 - 470 MHz
Switching bandwidth
:
5MHz
Frequency stability
:
+/-1.5kHz
Number of RF channels
:
1 of 128 (16 randomly programmed, 112
sequential), serial select/reprogram 1200 baud
RS232
Supply voltage
:
5.5 - 15V DC -ve earth
Supply current at 7.2V
:
<12mA
Channel switching delay
:
<50mS across switching bandwidth
Channel spacing
:
12.5kHz/20kHz/25kHz available
Modulation type
:
F1D.F2D/F3D
Sensitivity
:
<-115 dBm for 12dB SINAD
Image/spurii
:
>60dB
Intermodulation response
rejection
:
>50dB
Blocking
:
>80dB
Intermediate frequencies
:
21.4 MHz and 455 kHz
Adjacent channel selectivity :
>60dB for 12.5kHz channel spacing
>70dB for 25kHz channel spacing
Audio response
:
9Hz to 6kHz at -3dB
Recovered audio level
:
200mV p-p typ into 10k ohms
Spurious emissions
(conducted & radiated)
:
in accordance with ETS/CEPT specifications
Interface connections
:
Solder terminals
RF connection
:
SMB bulkhead male
Operating temperature
:
-10
oC - +55oC
Storage temperature
:
-30
oC - +70oC
Size overall
:
-62 x 60 x 25 mm
Weight
:
110g
Type approval
:
MPT 1329
Squelch type
:
Noise operated open collector output
General facilities
:
RSSI output (0 to +3V nominal) option



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com