Electronic Components Datasheet Search
  English  ▼

X  

STR450 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STR450
Description  UHF RECEIVER OPERATING INSTRUCTIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STR450 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STR450 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 5Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 6Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STR450 Programmer
Synth. step freq. 12.5 KHz
Chan 0
458.5
MHZ <<
Chan 1
458.5125
Mhz
Ref. (TCXO) freq. 8 MHz
Chan 2
458.525
Mhz
Intermediate freq. 21.4
MHz
Chan 3
458.5375
Mhz
Chan 4
458.55
Mhz
Serial channel selected: 0
Chan 5
458.5625
Mhz
Chan 6
458.575
Mhz
COMMANDS:
Chan 7
458.5875
Mhz
Chan 8
458.6
Mhz
F2
: copy Ch 16-31 to Ch 0-15
Chan 9
458.6125
Mhz
F5
: read from unit
Chan 10 458.625
Mhz
F6
: program unit
Chan 11 458.6375
Mhz
F8
: Select channel
Chan 12 458.65
Mhz
Chan 13 458.6625
Mhz
F9
: set synth. step freq.
Chan 14 458.675
Mhz
F10
: set TCXO freq.
Chan 15 458.6875
Mhz
F11
: set Intermediate freq.
F12
: QUIT
Start table 458.7
MHZ
Max. Freq. 458.95
Mhz
Sequential frequencies, Chan. 16 to 127
Table step 1 x 12.5
Khz
Figure 5 Screen Display
RUNNING THE SOFTWARE
1.
Connect STR450 to a suitable supply and to the PC using the programming
lead.
2.
Insert the STRPRG disk into drive A and type:
A:STRPRG <return> then type:
3.
The user is then prompted to enter the serial port number of his PC which is
used to communicate with the STR450 receiver. Enter 1 or 2.
After the software has successfully loaded the main menu screen is displayed as shown
in Figure 6. The screen shows the default settings which are entered at factory set-up.
These default settings will be displayed whenever the STRPRG software is run.
Please note that mouse operation is not supported with this program.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com