Electronic Components Datasheet Search
  English  ▼

X  

DS90CP22MT/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # DS90CP22MT/NOPB
Description  DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS90CP22MT/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  DS90CP22MT/NOPB Datasheet HTML 1Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 2Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 3Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 4Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 5Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 6Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 7Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 8Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS90CP22
www.ti.com
SNLS053E – MARCH 2000 – REVISED APRIL 2013
Electrical Characteristics
(1)
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS (EN0,EN1,SEL0,SEL1)
VIH
High Level Input Voltage
2.0
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
IIH
High Level Input Current
VIN = 3.6V or 2.0V; VCC = 3.6V
+7
+20
μA
IIL
Low Level Input Current
VIN = 0V or 0.8V; VCC = 3.6V
±1
±10
μA
VCL
Input Clamp Voltage
ICL = −18 mA
−0.8
−1.5
V
LVDS OUTPUT DC SPECIFICATIONS (OUT0,OUT1)
VOD
Differential Output Voltage
RL = 75Ω
270
365
475
mV
RL = 75Ω, VCC = 3.3V, TA = 25°C
285
365
440
mV
ΔVOD
Change in VOD between Complimentary Output States
35
mV
VOS
Offset Voltage(2)
1.0
1.2
1.45
V
ΔVOS
Change in VOS between Complimentary Output States
35
mV
IOZ
Output TRI-STATE Current
TRI-STATE Output,
±1
±10
μA
VOUT = VCC or GND
IOFF
Power-Off Leakage Current
VCC = 0V; VOUT = 3.6V or GND
±1
±10
μA
IOS
Output Short Circuit Current
VOUT+ OR VOUT− = 0V
−15
−25
mA
IOSB
Both Outputs Short Circuit Current
VOUT+ AND VOUT− = 0V
−30
−50
mA
LVDS RECEIVER DC SPECIFICATIONS (IN0,IN1)
VTH
Differential Input High Threshold
VCM = +0.05V or +1.2V or +3.25V,
0
+100
mV
VTL
Differential Input Low Threshold
Vcc = 3.3V
−100
0
mV
VCMR
Common Mode Voltage Range
VID = 100mV, Vcc = 3.3V
0.05
3.25
V
IIN
VIN = +3.0V, VCC = 3.6V or 0V
±1
±10
μA
Input Current
VIN = 0V, VCC = 3.6V or 0V
±1
±10
μA
SUPPLY CURRENT
ICCD
Total Supply Current
RL = 75Ω, CL = 5 pF, EN0 = EN1 = High
98
125
mA
ICCZ
TRI-STATE Supply Current
EN0 = EN1 = Low
43
55
mA
(1)
All typical are given for VCC = +3.3V and TA = +25°C, unless otherwise stated.
(2)
VOS is defined and measured on the ATE as (VOH + VOL) / 2.
AC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TSET
Input to SEL Setup Time(2), (Figure 3 and Figure 4)
0.7
0.5
ns
THOLD
Input to SEL Setup Time(2), (Figure 3 and Figure 4)
1.0
0.5
ns
TSWITCH
SEL to Switched Output, (Figure 3 and Figure 4)
0.9
1.2
1.7
ns
TPHZ
Disable Time (Active to TRI-STATE) High to Z, Figure 5
2.1
4.0
ns
TPLZ
Disable Time (Active to TRI-STATE) Low to Z, Figure 5
3.0
4.5
ns
TPZH
Enable Time (TRI-STATE to Active) Z to High, Figure 5
25.5
55.0
ns
TPZL
Enable Time (TRI-STATE to Active) Z to Low, Figure 5
25.5
55.0
ns
TLHT
Output Low-to-High Transition Time, 20% to 80%, Figure 7
290
400
580
ps
THLT
Output High-to-Low Transition Time, 80% to 20%, Figure 7
290
400
580
ps
(1)
The parameters are specified by design. The limits are based on statistical analysis of the device performance over PVT (process,
voltage and temperature) range.
(2)
TSET and THOLD time specify that data must be in a stable state before and after the SEL transition.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90CP22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com