Electronic Components Datasheet Search
  English  ▼

X  

DS90CP22MT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # DS90CP22MT/NOPB
Description  DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS90CP22MT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS90CP22MT/NOPB Datasheet HTML 1Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 2Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 3Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 4Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 5Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 6Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 7Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 8Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DS90CP22
www.ti.com
SNLS053E – MARCH 2000 – REVISED APRIL 2013
DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
Check for Samples: DS90CP22
1
FEATURES
DESCRIPTION
DS90CP22 is a 2x2 crosspoint switch utilizing LVDS
2
•
DC - 800 Mbps Low Jitter, Low Skew Operation
(Low Voltage Differential Signaling) technology for
•
65 ps (typ) of Pk-Pk Jitter with PRBS = 223
−1
low power, high speed operation. Data paths are fully
Data Pattern at 800 Mbps
differential
from
input
to
output
for
low
noise
•
Single +3.3 V Supply
generation and low pulse width distortion. The non-
blocking design allows connection of any input to any
•
Less than 330 mW (typ) Total Power
output or outputs. LVDS I/O enable high speed data
Dissipation
transmission for point-to-point interconnects. This
•
Non-Blocking "'Switch Architecture"'
device can be used as a high speed differential
•
Balanced Output Impedance
crosspoint, 2:1 mux, 1:2 demux, repeater or 1:2
signal splitter. The mux and demux functions are
•
Output Channel-to-Channel Skew is 35 ps (typ)
useful for switching between primary and backup
•
Configurable as 2:1 mux, 1:2 demux, Repeater
circuits in fault tolerant systems. The 1:2 signal
or 1:2 Signal Splitter
splitter
and
2:1
mux
functions
are
useful
for
•
LVDS Receiver Inputs Accept LVPECL Signals
distribution of serial bus across several rack-mounted
backplanes.
•
Fast Switch Time of 1.2ns (typ)
The DS90CP22 accepts LVDS signal levels, LVPECL
•
Fast Propagation Delay of 1.3ns (typ)
levels directly or PECL with attenuation networks.
•
Receiver Input Threshold < ±100 mV
The individual LVDS outputs can be put into TRI-
•
Available in 16 Lead TSSOP and SOIC
STATE by use of the enable pins.
Packages
•
Conforms to ANSI/TIA/EIA-644-1995 LVDS
For more details, please refer to the Application
Information section of this datasheet.
Standard
•
Operating Temperature:
−40°C to +85°C
Connection Diagram
Figure 1. SOIC-16 Package
or
TSSOP-16 Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90CP22MT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP22MT/NOPB TI1-DS90CP22MT/NOPB Datasheet
1,016Kb / 17P
DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
More results

Similar Description - DS90CP22MT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CP22 NSC-DS90CP22 Datasheet
350Kb / 10P
2X2 800 Mbps LVDS Crosspoint Switch
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS90CP22 NSC-DS90CP22_07 Datasheet
1Mb / 10P
800 Mbps 2x2 LVDS Crosspoint Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
DS90CP22MX-8 TI1-DS90CP22MX-8 Datasheet
1,016Kb / 17P
DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
DS90CP22 TI1-DS90CP22_14 Datasheet
1,017Kb / 18P
800 Mbps 2x2 LVDS Crosspoint Switch
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com