Electronic Components Datasheet Search
  English  ▼

X  

DS90CP22MT/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # DS90CP22MT/NOPB
Description  DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS90CP22MT/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS90CP22MT/NOPB Datasheet HTML 1Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 2Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 3Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 4Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 5Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 6Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 7Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 8Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS90CP22
SNLS053E – MARCH 2000 – REVISED APRIL 2013
www.ti.com
AC Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TJIT
VID = 300mV; 50% Duty Cycle; VCM =
40
90
ps
1.2V at 800Mbps
LVDS Data Path Peak to Peak Jitter(3)
VID = 300mV; PRBS=2
23-1 data
65
120
ps
pattern; VCM = 1.2V at 800Mbps
TPLHD
Propagation Low to High Delay, Figure 8
0.9
1.3
1.6
ns
Propagation Low to High Delay, Figure 8
VCC = 3.3V, TA = 25°C
1.0
1.3
1.5
ns
TPHLD
Propagation High to Low Delay, Figure 8
0.9
1.3
1.6
ns
Propagation High to Low Delay, Figure 8
VCC = 3.3V, TA = 25°C
1.0
1.3
1.5
ns
TSKEW
Pulse Skew |TPLHD - TPHLD|
0
225
ps
TCCS
Output Channel-to-Channel Skew, Figure 9
35
80
ps
(3)
The parameters are specified by design. The limits are based on statistical analysis of the device performance over PVT range with the
following equipment test setup: HP70004A (display mainframe) with HP70841B (pattern generator), 5 feet of RG-142 cable with DUT
test board and HP83480A (digital scope mainframe) with HP83483A (20GHz scope module).
AC Timing Diagrams
Figure 3. Input-to-Select rising edge setup and hold times and mux switch time
Figure 4. Input-to-Select falling edge setup and hold times and mux switch time
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: DS90CP22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com