Electronic Components Datasheet Search
  English  ▼

X  

DS90CP22MT/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # DS90CP22MT/NOPB
Description  DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS90CP22MT/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS90CP22MT/NOPB Datasheet HTML 4Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 5Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 6Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 7Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 8Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 9Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 10Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 11Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DS90CP22
SNLS053E – MARCH 2000 – REVISED APRIL 2013
www.ti.com
COMPATIBILITY WITH LVDS STANDARD
The DS90CP22 is compatible with LVDS and Bus LVDS Interface devices. It is enhanced over standard LVDS
drivers in that it is able to driver lower impedance loads with standard LVDS levels. Standard LVDS drivers
provide 330mV differential output with a 100
Ω load. The DS90CP22 provides 365mV with a 75Ω load or 400mV
with 100
Ω loads. This extra drive capability is useful in certain multidrop applications.
In backplane multidrop configurations, with closely spaced loads, the effective differential impedance of the line is
reduced. If the mainline has been designed for 100
Ω differential impedance, the loading effects may reduce this
to the 70
Ω range depending upon spacing and capacitance load. Terminating the line with a 75Ω load is a better
match than with 100
Ω and reflections are reduced.
BLOCK DIAGRAM
Table 1. Function Table
SEL0
SEL1
OUT0
OUT1
Mode
0
0
IN0
IN0
1:2 splitter
0
1
IN0
IN1
repeater
1
0
IN1
IN0
switch
1
1
IN1
IN1
1:2 splitter
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: DS90CP22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com