Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA159
Description  Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 4 Page - Texas Instruments

  INA159 Datasheet HTML 1Page - Texas Instruments INA159 Datasheet HTML 2Page - Texas Instruments INA159 Datasheet HTML 3Page - Texas Instruments INA159 Datasheet HTML 4Page - Texas Instruments INA159 Datasheet HTML 5Page - Texas Instruments INA159 Datasheet HTML 6Page - Texas Instruments INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
INA159
SBOS333B − JULY 2005 − REVISED OCTOBER 2005
www.ti.com
4
20k
Ω
40k
Ω
100k
Ω
2
3
7
5
OUT
1
8
6
V+
4
V
−
+5V
100k
Ω
40k
Ω
INA159
The test is performed by
measuring the output
with the reference
appliedtoalternate
reference resistors, and
calculating a result such
that the amplifier offset is
cancelled in the final
measurement.
Figure 2. Test Circuit for Reference Divider Accuracy
TYPICAL CHARACTERISTICS
At TA = +25°C, RL = 10kΩ connected to VS/2, REF pin 1 connected to ground, and REF pin 2 connected to VREF = 5V, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
GAIN vs FREQUENCY
Frequency (Hz)
0
−10
−20
−30
−40
−50
100
1k
10k
100k
1M
10M
10
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
130
120
110
100
90
80
70
60
50
40
30
20
10
0
−10
100
1k
10k
100k
1M
10M
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com