Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA159
Description  Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 5 Page - Texas Instruments

  INA159 Datasheet HTML 1Page - Texas Instruments INA159 Datasheet HTML 2Page - Texas Instruments INA159 Datasheet HTML 3Page - Texas Instruments INA159 Datasheet HTML 4Page - Texas Instruments INA159 Datasheet HTML 5Page - Texas Instruments INA159 Datasheet HTML 6Page - Texas Instruments INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
INA159
SBOS333B − JULY 2005 − REVISED OCTOBER 2005
www.ti.com
5
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10kΩ connected to VS/2, REF pin 1 connected to ground, and REF pin 2 connected to VREF = 5V, unless otherwise noted.
COMMON−MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
120
110
100
90
80
70
60
50
40
30
20
100
1k
10k
100k
1M
10M
10
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
_C)
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
−25
0
255075
100
125
−50
VS =5.5V
VS =1.8V
VS =5V
SHORT−CIRCUIT CURRENT vs TEMPERATURE
Temperature (
_C)
120
100
80
60
40
20
0
−20
−40
−60
−80
−100
−25
0
25
50
75
100
125
−50
VS = ±2.75V
VS = ±2.75V
VS = ±0.9V
VS = ±2.5V
VS = ±2.5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
3.0
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
−3.0
10
20
30
40
50
60
70
80
90
0
VS = ±0.9V
VS = ±2.5V
TA =+25_C
TA = +125_C
T
A =
+125_C
TA = −40_C
TA = −40_C
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
0.01
0.001
100
1k
10k
100k
10
0.25VPP
4VPP
2k
Ω
600
Ω
OUTPUT VOLTAGE NOISE SPECTRAL DENSITY
vs FREQUENCY
Frequency (Hz)
1000
100
10
10
100
1k
10k
100k
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com