Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA159
Description  Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA159 Datasheet HTML 3Page - Texas Instruments INA159 Datasheet HTML 4Page - Texas Instruments INA159 Datasheet HTML 5Page - Texas Instruments INA159 Datasheet HTML 6Page - Texas Instruments INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments INA159 Datasheet HTML 10Page - Texas Instruments INA159 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
INA159
SBOS333B − JULY 2005 − REVISED OCTOBER 2005
www.ti.com
7
APPLICATION INFORMATION
The internal op amp of the INA159 has a rail-to-rail
common-mode voltage capability at its inputs. A rail-to-rail
op amp allows the use of ±10V inputs into a circuit biased
to 1/2 of a 5V reference (2.5V quiescent output). The inputs
to the op amp will swing from approximately 400mV to
3.75V in this application.
The unique input topology of the INA159 eliminates the
input offset transition region typical of most rail-to-rail
complementary stage operational amplifiers. This allows
the INA159 to provide superior glitch- and transition-free
performance over the entire common-mode range.
Good layout practice includes the use of a 0.1µF bypass
capacitor placed closely across the supply pins.
COMMON-MODE RANGE
The common-mode range of the INA159 is a function of
supply voltage and reference. Where both pins, REF1 and
REF2, are connected together:
V
CM) + (V)) ) 5[(V)) * VREF]
V
CM* + (V*) * 5[VREF * (V*)]
Where one REF pin is connected to the reference, and the
other pin grounded (1/2 reference connection):
V
CM) + (V)) ) 5[(V)) * (0.5VREF)]
V
CM* + (V*) * 5[(0.5VREF) * (V*)]
Some typical values are shown in Table 1.
Table 1. Common-Mode Range For Various
Supply and Reference Voltages
REF 1 and REF 2 Connected Together
V+
V−
VREF
VCM+
VCM−
5
0
3
15
−15
5
0
2.5
17.5
−12.5
5
0
1.25
23.75
−6.25
1/2 Reference Connection
V+
V−
VREF
VCM+
VCM−
5
0
5
17.5
−12.5
5
0
4.096
19.76
−10.24
5
0
2.5
23.75
−6.25
3.3
0
3.3
11.55
−8.25
3.3
0
2.5
13.55
−6.25
3.3
0
1.25
16.675
−3.125
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com