Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA159
Description  Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA159 Datasheet HTML 5Page - Texas Instruments INA159 Datasheet HTML 6Page - Texas Instruments INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments INA159 Datasheet HTML 10Page - Texas Instruments INA159 Datasheet HTML 11Page - Texas Instruments INA159 Datasheet HTML 12Page - Texas Instruments INA159 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
INA159
SBOS333B − JULY 2005 − REVISED OCTOBER 2005
www.ti.com
9
20k
Ω
100k
Ω
40k
Ω
100k
Ω
40k
Ω
R1
100
Ω
ADS8325
ADC
DOUT
DCLOCK
CS
REF
VREF
5V
+IN
−IN
V+
V+
GND
C1
1000pF
SENSE
REF 2
REF 1
VIN
+IN
−IN
INA159
Figure 3. Typical Application Circuit Interfacing to Medium-Speed, Single-Supply ADCs
20k
Ω
100k
Ω
40k
Ω
100k
Ω
40k
Ω
R1
100
Ω
ADS8361 or
ADS7861
ADC
DOUT
DCLOCK
CS
REF
VREF
5V
+IN
−IN
V+
V+
GND
C1
1000pF
SENSE
REF 2
REF 1
VIN
+IN
−IN
INA159
Figure 4. Typical Application Circuit Interfacing to Medium-Speed, Single-Supply ADCs with
Pseudo-Differential Inputs (such as the ADS7861 and ADS8361)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com