Electronic Components Datasheet Search
  English  ▼

X  

INA333-HT Datasheet(PDF) 17 Page - Texas Instruments

Part # INA333-HT
Description  Micro-Power, Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333-HT Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA333-HT Datasheet HTML 13Page - Texas Instruments INA333-HT Datasheet HTML 14Page - Texas Instruments INA333-HT Datasheet HTML 15Page - Texas Instruments INA333-HT Datasheet HTML 16Page - Texas Instruments INA333-HT Datasheet HTML 17Page - Texas Instruments INA333-HT Datasheet HTML 18Page - Texas Instruments INA333-HT Datasheet HTML 19Page - Texas Instruments INA333-HT Datasheet HTML 20Page - Texas Instruments INA333-HT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
300W
+3V
150W
R
(1)
1
2V
V
- D
2V+ V
D
3V
R
G
INA333
V
O
Ref
1.5V
INA333-HT
www.ti.com
SBOS514C – MARCH 2010 – REVISED OCTOBER 2013
Input overload conditions can produce an output
voltage that appears normal. For example, if an input
overload condition drives both input amplifiers to the
respective positive output swing limit, the difference
voltage measured by the output amplifier is near
zero. The output of the INA333 is near 0 V even
though both inputs are overloaded.
OPERATING VOLTAGE
The INA333 operates over a power-supply range of
+1.8 V to +5.5 V (±0.9 V to ±2.75 V). Supply voltages
higher
than
+7
V
(absolute
maximum)
can
(1) R1 creates proper common-mode voltage, only for low-voltage
permanently damage the device. Parameters that
operation—see the Single-Supply Operation section.
vary over supply voltage or temperature are shown in
Figure 37. Single-Supply Bridge Amplifier
the Typical Characteristics section of this data sheet.
LOW VOLTAGE OPERATION
INPUT PROTECTION
The INA333 can be operated on power supplies as
The input terminals of the INA333 are protected with
low as ±0.9 V. Most parameters vary only slightly
internal diodes connected to the power-supply rails.
throughout this supply voltage range—see the Typical
These diodes clamp the applied signal to prevent it
Characteristics section. Operation at very low supply
from damaging the input circuitry. If the input signal
voltage requires careful attention to assure that the
voltage can exceed the power supplies by more than
input voltages remain within the linear range. Voltage
0.3 V, the input signal current should be limited to
swing requirements of internal nodes limit the input
less than 10 mA to protect the internal clamp diodes.
common-mode range with low power-supply voltage.
This current limiting can generally be done with a
The Typical Characteristic curves Typical Common-
series input resistor. Some signal sources are
Mode Range vs Output Voltage (Figure 22 to
inherently current-limited and do not require limiting
Figure 25) show the range of linear operation for
resistors.
various supply voltages and gains.
GENERAL LAYOUT GUIDELINES
SINGLE-SUPPLY OPERATION
Attention
to
good
layout
practices
is
always
The INA333 can be used on single power supplies of
recommended.
Keep
traces
short
and,
when
+1.8 V to +5.5 V. Figure 37 illustrates a basic single-
possible, use a printed circuit board (PCB) ground
supply circuit. The output REF terminal is connected
plane with surface-mount components placed as
to mid-supply. Zero differential input voltage demands
close to the device pins as possible. Place a 0.1-
μF
an output voltage of mid-supply. Actual output voltage
bypass capacitor closely across the supply pins.
swing is limited to approximately 50 mV above
These guidelines should be applied throughout the
ground, when the load is referred to ground as
analog circuit to improve performance and provide
shown.
The
typical
characteristic
curve
Output
benefits
such
as
reducing
the
electromagnetic-
Voltage Swing vs Output Current (Figure 31) shows
interference (EMI) susceptibility.
how the output voltage swing varies with output
Instrumentation amplifiers vary in the susceptibility to
current.
radio-frequency interference (RFI). RFI can generally
With single-supply operation, VIN+ and VIN– must both
be identified as a variation in offset voltage or dc
be 0.1V above ground for linear operation. For
signal levels with changes in the interfering RF signal.
instance, the inverting input cannot be connected to
The INA333 has been specifically designed to
ground to measure a voltage connected to the
minimize
susceptibility
to
RFI
by
incorporating
noninverting input.
passive RC filters with an 8-MHz corner frequency at
the VIN+ and VIN– inputs. As a result, the INA333
To
illustrate
the
issues
affecting
low
voltage
demonstrates remarkably low sensitivity compared to
operation, consider the circuit in Figure 37. It shows
previous generation devices. Strong RF fields may
the INA333 operating from a single 3-V supply. A
continue to cause varying offset levels, however, and
resistor in series with the low side of the bridge
may require additional shielding.
assures that the bridge output voltage is within the
common-mode range of the amplifier inputs.
APPLICATION IDEAS
Additional application ideas are shown in Figure 38 to
Figure 41.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com