Electronic Components Datasheet Search
  English  ▼

X  

INA333-HT Datasheet(PDF) 11 Page - Texas Instruments

Part # INA333-HT
Description  Micro-Power, Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333-HT Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA333-HT Datasheet HTML 7Page - Texas Instruments INA333-HT Datasheet HTML 8Page - Texas Instruments INA333-HT Datasheet HTML 9Page - Texas Instruments INA333-HT Datasheet HTML 10Page - Texas Instruments INA333-HT Datasheet HTML 11Page - Texas Instruments INA333-HT Datasheet HTML 12Page - Texas Instruments INA333-HT Datasheet HTML 13Page - Texas Instruments INA333-HT Datasheet HTML 14Page - Texas Instruments INA333-HT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
0.9
0.7
0.5
0.3
0.1
0.1
0.3
0.5
0.7
0.9
-
-
-
-
-
-0.9 -0.7 -0.5 -0.3
-0.1
0.1
OutputVoltage(V)
0.9
V = 0.9V
S
±
V
=0
REF
0.3
0.5
0.7
AllGains
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
OutputVoltage(V)
0
0.2
0.4
0.5
0.8
1.0
1.8
1.2
1.4
1.6
AllGains
V =+1.8V
S
V
=0
REF
2.5
-2.5 -2.0
-1.0
0
1.0
2.0
OutputVoltage(V)
2.5
2.0
1.0
0
-1.0
-2.0
2.5
V = 2.5V
V
=0
±
S
REF
AllGains
5
4
3
2
1
0
0
1
2
3
4
OutputVoltage(V)
5
V =+5V
S
V
=0
REF
AllGains
160
140
120
100
80
60
40
20
0
10
100
1k
10k
Frequency(Hz)
100k
G=1
G=1000
G=100
G=10
-10
-8
-6
-4
-2
0
2
4
6
8
10
-65 -40 -15
10
35
60
85
110 135 160 185 210
Temperature (°C)
Vs = ±2.75V
Vs = ±0.9V
G = 100
G = 1000
INA333-HT
www.ti.com
SBOS514C – MARCH 2010 – REVISED OCTOBER 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, RL = 10kΩ, VREF = midsupply, and G = 1, unless otherwise noted.
COMMON-MODE REJECTION RATIO vs TEMPERATURE
COMMON-MODE REJECTION RATIO vs FREQUENCY
Figure 20.
Figure 21.
TYPICAL COMMON-MODE RANGE vs OUTPUT VOLTAGE
TYPICAL COMMON-MODE RANGE vs OUTPUT VOLTAGE
Figure 22.
Figure 23.
TYPICAL COMMON-MODE RANGE vs OUTPUT VOLTAGE
TYPICAL COMMON-MODE RANGE vs OUTPUT VOLTAGE
Figure 24.
Figure 25.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com