Electronic Components Datasheet Search
  English  ▼

X  

INA333-HT Datasheet(PDF) 12 Page - Texas Instruments

Part # INA333-HT
Description  Micro-Power, Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333-HT Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA333-HT Datasheet HTML 8Page - Texas Instruments INA333-HT Datasheet HTML 9Page - Texas Instruments INA333-HT Datasheet HTML 10Page - Texas Instruments INA333-HT Datasheet HTML 11Page - Texas Instruments INA333-HT Datasheet HTML 12Page - Texas Instruments INA333-HT Datasheet HTML 13Page - Texas Instruments INA333-HT Datasheet HTML 14Page - Texas Instruments INA333-HT Datasheet HTML 15Page - Texas Instruments INA333-HT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
-50
0
50
100
150
-65 -40 -15
10
35
60
85 110 135 160 185 210
Temperature (°C)
Vs =
±0.9V
Vs =
±2.75V
(V+)
(V+)
0.25
-
(V+)
0.50
-
(V+)
0.75
-
(V+)
1.00
-
(V+)
1.25
-
(V )+1.75
-
(V )+0.75
-
(V )+1.00
-
(V )+0.50
-
(V )+0.25
-
(V )
-
0
10
30
40
50
60
I
(mA)
OUT
(V+)
1.75
-
(V+)
1.50
-
(V )+1.50
-
(V )+1.25
-
20
+125 C
°
+25 C
°
-
°
40 C
V
S =
2.75V
±
V
S =
0.9V
±
-200
0
200
400
600
800
1000
1200
1400
-65 -40
-15
10
35
60
85
110 135 160 185 210
Temperature (°C)
+IB
-IB
Vs = ±0.9V
Vs = ±2.75V
200
180
160
140
120
100
80
60
40
20
0
0
0.5
1.0
1.5
V
(V)
CM
5.0
2.0
V =5V
S
3.0
4.0
2.5
3.5
4.5
V =1.8V
S
160
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
Frequency(Hz)
1M
1
G=100
G=1000
G=10
G=1
160
140
120
100
80
60
40
20
0
20
-
0.1
1
10
100
1k
10k
100k
Frequency(Hz)
1M
G=1000
V =5V
S
G=100
G=1
G=10
INA333-HT
SBOS514C – MARCH 2010 – REVISED OCTOBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, RL = 10kΩ, VREF = midsupply, and G = 1, unless otherwise noted.
POSITIVE POWER-SUPPLY REJECTION RATIO
NEGATIVE POWER-SUPPLY REJECTION RATIO
Figure 26.
Figure 27.
INPUT BIAS CURRENT vs TEMPERATURE
| INPUT BIAS CURRENT | vs COMMON-MODE VOLTAGE
Figure 28.
Figure 29.
INPUT OFFSET CURRENT vs TEMPERATURE
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Figure 30.
Figure 31.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com