Electronic Components Datasheet Search
  English  ▼

X  

INA333-HT Datasheet(PDF) 6 Page - Texas Instruments

Part # INA333-HT
Description  Micro-Power, Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333-HT Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA333-HT Datasheet HTML 2Page - Texas Instruments INA333-HT Datasheet HTML 3Page - Texas Instruments INA333-HT Datasheet HTML 4Page - Texas Instruments INA333-HT Datasheet HTML 5Page - Texas Instruments INA333-HT Datasheet HTML 6Page - Texas Instruments INA333-HT Datasheet HTML 7Page - Texas Instruments INA333-HT Datasheet HTML 8Page - Texas Instruments INA333-HT Datasheet HTML 9Page - Texas Instruments INA333-HT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
INA333-HT
SBOS514C – MARCH 2010 – REVISED OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +1.8 V to +5.5 V (continued)
At TA = +25°C, RL = 10kΩ, VREF = VS/2, and G = 1, unless otherwise noted.
TA = –55°C to +125°C
TA = +210°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
INPUT VOLTAGE NOISE
Input voltage noise
eNI
G = 100, RS = 0 Ω
f = 10 Hz
42
63
nV/
√Hz
f = 100 Hz
40
70
nV/
√Hz
f = 1 kHz
50
55
nV/
√Hz
f = 0.1Hz to 10 Hz
2
6
μVPP
Input current noise
iN
f = 10Hz
100
fA/
√Hz
f = 0.1Hz to 10Hz
2
pAPP
GAIN
Gain equation
G
1 + (100k
Ω/RG)
1 + (100k
Ω/RG)
V/V
Range of gain(7)
1
1000
100
1000
V/V
VS = 5.5 V,
Gain error
(V–) + 100mV
≤ VO ≤
(V+) – 100mV
G = 1
±0.02
±0.1
%
G = 10
±0.05
±0.5
%
G = 100
±0.01
±0.5
±1.3
%
G = 1000
±0.43
±1.15
±1.7
%
GAIN (continued)
Gain vs Temperature
G = 1
±1
±5
ppm/°C
G > 1(8)
±15
±50
ppm/°C
VS = 5.5 V,
Gain nonlinearity
(V–) + 100mV
≤ VO ≤
(V+) – 100mV
G = 1 to 1000
RL = 10 kΩ
10
10
ppm
OUTPUT
Output voltage swing from
VS = 5.5 V, RL = 10 kΩ
See note (9)
50
185
mV
rail(9)
Capacitive load drive
500
500
pF
Short-circuit
ISC
Continuous to common
–55, +5
–36, +1
mA
current
FREQUENCY
RESPONSE
Bandwidth, –3dB
Range of gain(7)
G = 1
150
kHz
G = 10
35
kHz
G = 100
3.5
3.1
kHz
G = 1000
350
300
Hz
Slew rate
SR
VS = 5 V, VO = 4 V Step
G = 1
0.16
0.25
V/
μs
G = 100
0.06
0.04
V/
μs
Settling time to
tS
0.01%
G = 1
VSTEP = 4 V
35
32
μs
G = 100
VSTEP = 4 V
240
326
μs
Settling time to
tS
0.001%
(7)
Not recommend gain < 100 for 210°C application.
(8)
Does not include effects of external resistor RG.
(9)
See Typical Characteristics curve, Output Voltage Swing vs Output Current (Figure 31).
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com