Electronic Components Datasheet Search
  English  ▼

X  

IVC102 Datasheet(PDF) 2 Page - Texas Instruments

Part # IVC102
Description  PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

IVC102 Datasheet(HTML) 2 Page - Texas Instruments

  IVC102 Datasheet HTML 1Page - Texas Instruments IVC102 Datasheet HTML 2Page - Texas Instruments IVC102 Datasheet HTML 3Page - Texas Instruments IVC102 Datasheet HTML 4Page - Texas Instruments IVC102 Datasheet HTML 5Page - Texas Instruments IVC102 Datasheet HTML 6Page - Texas Instruments IVC102 Datasheet HTML 7Page - Texas Instruments IVC102 Datasheet HTML 8Page - Texas Instruments IVC102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
®
IVC102
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
NOTES: (1) Standard test timing: 1ms integration, 200
µs hold, 100µs reset. (2) Hold mode output voltage after 1ms integration of zero input current. Includes op
amp offset voltage, integration of input error current and switch charge injection effects.
SPECIFICATIONS
At TA = +25°C, VS = ±15V, RL = 2kΩ, CINT = C1 + C2 + C3, 1ms integration period(1), unless otherwise specified.
IVC102P, U
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSFER FUNCTION
V
O = –(IIN)(TINT)/CINT
Gain Error
C
INT = C1 + C2 + C3
±5
+25/–17
%
vs Temperature
±25
ppm/
°C
Nonlinearity
VO = ±10V
±0.005
%
Input Current Range
±100
µA
Offset Voltage(2)
IIN = 0, CIN = 50pF
–5
±20
mV
vs Temperature
±30
µV/°C
vs Power Supply
VS = +4.75/–10 to +18/–18V
150
750
µV/V
Droop Rate, Hold Mode
–1
nV/
µs
OP AMP
Input Bias Current
S1, S2 Open
–100
±750
fA
vs Temperature
See Typical Curve
Offset Voltage (Op Amp VOS)
±0.5
±5mV
vs Temperature
±5
µV/°C
vs Power Supply
V
S = +4.75/–10 to +18/–18V
10
100
µV/V
Noise Voltage
f = 1kHz
10
nV/
√Hz
INTEGRATION CAPACITORS
C1 + C2 + C3
80
100
120
pF
vs Temperature
±25
ppm/
°C
C
1
10
pF
C2
30
pF
C3
60
pF
OUTPUT
Voltage Range, Positive
RL = 2kΩ
(V+)–3
(V+)–1.3
V
Negative
RL = 2kΩ
(V–)+3
(V–)+2.6
V
Short-Circuit Current
±20
mA
Capacitive Load Drive
500
pF
Noise Voltage
See Typical Curve
DYNAMIC CHARACTERISTIC
Op Amp Gain-Bandwidth
2
MHz
Op Amp Slew Rate
3V/
µs
Reset
Slew Rate
3V/
µs
Settling Time, 0.01%
10V Step
6
µs
DIGITAL INPUTS
(TTL/CMOS Compatible)
VIH (referred to digital ground)
(Logic High)
2
5.5
V
VIL (referred to digital ground)
(Logic Low)
–0.5
0.8
V
IIH
VIH = 5V
2
µA
I
IL
V
IL = 0V
0
µA
Switching Time
100
ns
POWER SUPPLY
Voltage Range: Positive
+4.75
+15
+18
V
Negative
–10
–15
–18
V
Current: Positive
4.1
5.5
mA
Negative
–1.6
–2.2
mA
Analog Ground
–0.2
mA
Digital Ground
–2.3
mA
TEMPERATURE RANGE
Operating Range
–40
85
°C
Storage
–55
125
°C
Thermal Resistance,
θ
JA
DIP
100
°C/W
SO-14
150
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com