Electronic Components Datasheet Search
  English  ▼

X  

IVC102 Datasheet(PDF) 4 Page - Texas Instruments

Part # IVC102
Description  PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

IVC102 Datasheet(HTML) 4 Page - Texas Instruments

  IVC102 Datasheet HTML 1Page - Texas Instruments IVC102 Datasheet HTML 2Page - Texas Instruments IVC102 Datasheet HTML 3Page - Texas Instruments IVC102 Datasheet HTML 4Page - Texas Instruments IVC102 Datasheet HTML 5Page - Texas Instruments IVC102 Datasheet HTML 6Page - Texas Instruments IVC102 Datasheet HTML 7Page - Texas Instruments IVC102 Datasheet HTML 8Page - Texas Instruments IVC102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
®
IVC102
10
100
1000
C
IN (pF)
TOTAL OUTPUT NOISE vs C
IN
1000
100
10
1
rms Variation
of 100 Measurement
Cycles, T
INT = 1ms.
C
INT = 10pF
C
INT = 30pF
C
INT = 100pF
C
INT = 300pF
C
INT = 1000pF
Reset Mode, S
1 Open, S2 Closed.
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, RL = 2kΩ, CINT = C1 + C2 + C3, 1ms integration period, unless otherwise specified.
–50
–25
0
25
50
75
100
125
Temperature (°C)
INPUT BIAS CURRENT vs TEMPERATURE
100p
10p
1p
100f
10f
S
1, S2 Open
0
100
200
300
400
500
600
700
800
900 1000
C
INT (pF)
RESET TIME vs C
INT
30
25
20
15
10
5
0
Time Required to
Reset from ±10V
to 0V.
0.01%
1%
10
100
1000
Input Capacitance, C
IN (pF)
S
1 CHARGE INJECTION vs INPUT CAPACITANCE
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
100pF
∆V
O =
∆Q
100pF
S
1
C
IN
10
100
1000
Input Capacitance, C
IN (pF)
S
2 CHARGE INJECTION vs INPUT CAPACITANCE
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
(V+) = +18V
(V+) = +15V
(V+) = +4.75V
100pF
∆V
O =
∆Q
100pF
C
IN
S
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com