Electronic Components Datasheet Search
  English  ▼

X  

IVC102 Datasheet(PDF) 10 Page - Texas Instruments

Part # IVC102
Description  PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

IVC102 Datasheet(HTML) 10 Page - Texas Instruments

Back Button IVC102 Datasheet HTML 6Page - Texas Instruments IVC102 Datasheet HTML 7Page - Texas Instruments IVC102 Datasheet HTML 8Page - Texas Instruments IVC102 Datasheet HTML 9Page - Texas Instruments IVC102 Datasheet HTML 10Page - Texas Instruments IVC102 Datasheet HTML 11Page - Texas Instruments IVC102 Datasheet HTML 12Page - Texas Instruments IVC102 Datasheet HTML 13Page - Texas Instruments IVC102 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
®
IVC102
The input resistance seen at pin 2 includes an additional
1.5k
Ω, the on-resistance of S
1. The total input resistance is
the sum of the switch resistance and R
IN, or 2.5kΩ in this
example.
Slew rate limit of the internal op amp is approximately
3V/
µs. For most applications, the slew rate of V
OUT should
be limited to 1V/
µs or less. The rate of change is propor-
tional to IIN and inversely proportional to CINT:
This can be important in some applications since the slew-
induced input voltage is applied to the sensor or signal
source. The slew-induced input voltage can be reduced by
increasing CINT, which reduces the output slew rate.
NONLINEARITY
Careful nonlinearity measurements of the IVC102 yield
typical results of approximately
±0.005% using the internal
input capacitors (C
INT = 100pF). Nonlinearity will be de-
graded by using an external integrator capacitor with poor
voltage coefficient. Performance with the internal capacitors
is typically equal or better than the sensors it is used to
measure. Actual application circuits with sensors such as a
photodiode may have other sources of nonlinearity.
1/10T
INT
1/T
INT
10/T
INT
qq
q
–20dB/decade
slope
Frequency
0
–10
–20
–30
–40
–50
Corner at
f = 0.32/T
INT
–3dB at
f = 0.44/T
INT
FIGURE 5. Frequency Response of Integrating Converter.
Slew Rate
=
I
IN
C
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com