Electronic Components Datasheet Search
  English  ▼

X  

IVC102 Datasheet(PDF) 7 Page - Texas Instruments

Part # IVC102
Description  PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

IVC102 Datasheet(HTML) 7 Page - Texas Instruments

Back Button IVC102 Datasheet HTML 3Page - Texas Instruments IVC102 Datasheet HTML 4Page - Texas Instruments IVC102 Datasheet HTML 5Page - Texas Instruments IVC102 Datasheet HTML 6Page - Texas Instruments IVC102 Datasheet HTML 7Page - Texas Instruments IVC102 Datasheet HTML 8Page - Texas Instruments IVC102 Datasheet HTML 9Page - Texas Instruments IVC102 Datasheet HTML 10Page - Texas Instruments IVC102 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
®
IVC102
60pF
30pF
10pF
0.1µF
0.1µF
1
I
Photodiode
Sensor
RC
2
3
4
5
6
11
I: Signal - Dependent Current
R: Sensor Resistance
C: Sensor Capacitance
12
13
10
V
O
14
V+
+15V
S
1
S
1
C
1
C
2
C
3
S
2
S
2
9
–15V
V–
Digital
Data
A/D
Converter
See timing
signals below
3a
3b
3c
Charge transferred
from sensor C
to C
INT.
A
A
B
B
Transfer Function
Offset Voltage
Ramp due to
input bias current
(exaggerated).
Effective
Signal Integration
Period, T
S
V
O waveform with
approx. half-scale input current.
V
O waveform with
zero input current.
∆Q
S
1 Opening
0V
0V
0V
V
O
S
2
S
1
V
O
0V
+10mV
–10mV
10µs
Hold
10µs
Reset
10µs
Hold
10µs
Reset
10µs
Pre-Int.
Hold
∆Q
S
2 Opening
∆Q
S
1 Closing
Op Amp
V
OS
(S
1 Open)
(S
1 Closed)
(S
2 Open)
FIGURE 3. Switched-Input Measurement Technique.
Input connections and timing are shown in Figure 3.
The timing diagram, Figure 3b, shows that S
1 is closed only
when S
2 is open. During the short period that S1 is open
(30
µs in this timing example), any signal current produced
by the sensor will charge the sensor’s source capacitance.
This charge is then transferred to CINT when S1 is closed. As
a result, no charge produced by the sensor is lost and the
input signal is continuously integrated. Even fast input
pulses are accurately integrated.
SWITCHED-INPUT MEASUREMENT TECHNIQUE
While the basic reset-and-integrate measurement arrange-
ment in Figure 1 is satisfactory for many applications, the
switched-input timing technique shown in Figure 3 has
important advantages. This method can provide continuous
integration of the input signal. Furthermore, it can hold the
output voltage constant after integration for stable conver-
sion (desirable for a/d converter without a sample/hold).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com