Electronic Components Datasheet Search
  English  ▼

X  

L293 Datasheet(PDF) 3 Page - Texas Instruments

Part # L293
Description  L293x Quadruple Half-H Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

L293 Datasheet(HTML) 3 Page - Texas Instruments

  L293 Datasheet HTML 1Page - Texas Instruments L293 Datasheet HTML 2Page - Texas Instruments L293 Datasheet HTML 3Page - Texas Instruments L293 Datasheet HTML 4Page - Texas Instruments L293 Datasheet HTML 5Page - Texas Instruments L293 Datasheet HTML 6Page - Texas Instruments L293 Datasheet HTML 7Page - Texas Instruments L293 Datasheet HTML 8Page - Texas Instruments L293 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
HEAT SINK AND
GROUND
HEAT SINK AND
GROUND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1,2EN
1A
1Y
2Y
2A
VCC2
VCC1
4A
4Y
3Y
3A
3,4EN
L293, L293D
www.ti.com
SLRS008D – SEPTEMBER 1986 – REVISED JANUARY 2016
5 Pin Configuration and Functions
NE Package
16-Pin PDIP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
1,2EN
1
I
Enable driver channels 1 and 2 (active high input)
<1:4>A
2, 7, 10, 15
I
Driver inputs, noninverting
<1:4>Y
3, 6, 11, 14
O
Driver outputs
3,4EN
9
I
Enable driver channels 3 and 4 (active high input)
Device ground and heat sink pin. Connect to printed-circuit-board ground plane with multiple
GROUND
4, 5, 12, 13
—
solid vias
VCC1
16
—
5-V supply for internal logic translation
VCC2
8
—
Power VCC for drivers 4.5 V to 36 V
Copyright © 1986–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: L293 L293D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com