Electronic Components Datasheet Search
  English  ▼

X  

L293 Datasheet(PDF) 10 Page - Texas Instruments

Part # L293
Description  L293x Quadruple Half-H Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

L293 Datasheet(HTML) 10 Page - Texas Instruments

Back Button L293 Datasheet HTML 6Page - Texas Instruments L293 Datasheet HTML 7Page - Texas Instruments L293 Datasheet HTML 8Page - Texas Instruments L293 Datasheet HTML 9Page - Texas Instruments L293 Datasheet HTML 10Page - Texas Instruments L293 Datasheet HTML 11Page - Texas Instruments L293 Datasheet HTML 12Page - Texas Instruments L293 Datasheet HTML 13Page - Texas Instruments L293 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
24 V
5 V
10 k
Ω
VCC1
VCC2
16
8
1,2EN
1
1A
2
2A
7
3,4EN
9
3A
10
4A
15
Control A
Control B
4, 5, 12, 13
GND
Thermal
Shutdown
Motor
1Y
3
2Y
6
3Y
11
4Y
14
3
1
0
2
0
10
20
4
30
60
20
0
40
80
40
Side
− mm
θJA
PTOT (TA = 70°C)
50
L293, L293D
SLRS008D – SEPTEMBER 1986 – REVISED JANUARY 2016
www.ti.com
Typical Application (continued)
9.2.3 Application Curve
Refer to Power Supply Recommendations for additional information with regards to appropriate power
dissipation. Figure 7 describes thermal dissipation based on Figure 14.
Figure 7. Maximum Power and Junction vs Thermal Resistance
9.3 System Examples
9.3.1 L293D as a Two-Phase Motor Driver
Figure 8 below depicts a typical setup for using the L293D as a two-phase motor driver. Refer to the
Recommended Operating Conditions when considering the appropriate input high and input low voltage levels to
enable each channel of the device.
Figure 8. Two-Phase Motor Driver (L293D)
10
Submit Documentation Feedback
Copyright © 1986–2016, Texas Instruments Incorporated
Product Folder Links: L293 L293D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com