Electronic Components Datasheet Search
  English  ▼

X  

L293 Datasheet(PDF) 1 Page - Texas Instruments

Part # L293
Description  L293x Quadruple Half-H Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

L293 Datasheet(HTML) 1 Page - Texas Instruments

  L293 Datasheet HTML 1Page - Texas Instruments L293 Datasheet HTML 2Page - Texas Instruments L293 Datasheet HTML 3Page - Texas Instruments L293 Datasheet HTML 4Page - Texas Instruments L293 Datasheet HTML 5Page - Texas Instruments L293 Datasheet HTML 6Page - Texas Instruments L293 Datasheet HTML 7Page - Texas Instruments L293 Datasheet HTML 8Page - Texas Instruments L293 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2
1
7
10
9
15
3
6
11
14
1A
1,2EN
2A
3A
3,4EN
4A
1Y
2Y
3Y
4Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
L293, L293D
SLRS008D – SEPTEMBER 1986 – REVISED JANUARY 2016
L293x Quadruple Half-H Drivers
1 Features
3 Description
The L293 and L293D devices are quadruple high-
1
•
Wide Supply-Voltage Range: 4.5 V to 36 V
current half-H drivers. The L293 is designed to
•
Separate Input-Logic Supply
provide bidirectional drive currents of up to 1 A at
•
Internal ESD Protection
voltages from 4.5 V to 36 V. The L293D is designed
to provide bidirectional drive currents of up to 600-mA
•
High-Noise-Immunity Inputs
at voltages from 4.5 V to 36 V. Both devices are
•
Output Current 1 A Per Channel (600 mA for
designed to drive inductive loads such as relays,
L293D)
solenoids, DC and bipolar stepping motors, as well as
•
Peak Output Current 2 A Per Channel (1.2 A for
other
high-current/high-voltage
loads
in
positive-
L293D)
supply applications.
•
Output Clamp Diodes for Inductive Transient
Each output is a complete totem-pole drive circuit,
Suppression (L293D)
with a Darlington transistor sink and a pseudo-
Darlington source. Drivers are enabled in pairs, with
2 Applications
drivers 1 and 2 enabled by 1,2EN and drivers 3 and 4
enabled by 3,4EN.
•
Stepper Motor Drivers
The L293 and L293D are characterized for operation
•
DC Motor Drivers
from 0°C to 70°C.
•
Latching Relay Drivers
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
L293NE
PDIP (16)
19.80 mm × 6.35 mm
L293DNE
PDIP (16)
19.80 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - L293

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L293 STMICROELECTRONICS-L293 Datasheet
80Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jun-1996
logo
Texas Instruments
L293 TI-L293 Datasheet
496Kb / 19P
QUADRUPLE HALF-H DRIVER
L293 TI-L293 Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
logo
STMicroelectronics
L293B STMICROELECTRONICS-L293B Datasheet
193Kb / 12P
PUSH-PULL FOUR CHANNEL DRIVERS
Apr-1993
L293B STMICROELECTRONICS-L293B Datasheet
592Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
July 2003
More results

Similar Description - L293

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293 TI-L293 Datasheet
496Kb / 19P
QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410 Datasheet
109Kb / 7P
QUADRUPLE HALF-H DRIVER
TIL293D TI-TIL293D Datasheet
93Kb / 5P
QUADRUPLE HALF-H DRIVER
SN55188 TI-SN55188 Datasheet
531Kb / 15P
QUADRUPLE LINE DRIVERS
L293N TI-L293N Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
QUADRUPLE HALF-H DRIVER
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
QUADRUPLE LINE DRIVERS
logo
Texas Instruments
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
QUADRUPLE HALF-H DRIVER
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
QUADRUPLE LINE DRIVERS
L293D TI1-L293D_16 Datasheet
501Kb / 21P
Quadruple Half-H Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com