Electronic Components Datasheet Search
  English  ▼

X  

L293 Datasheet(PDF) 7 Page - Texas Instruments

Part # L293
Description  L293x Quadruple Half-H Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

L293 Datasheet(HTML) 7 Page - Texas Instruments

Back Button L293 Datasheet HTML 3Page - Texas Instruments L293 Datasheet HTML 4Page - Texas Instruments L293 Datasheet HTML 5Page - Texas Instruments L293 Datasheet HTML 6Page - Texas Instruments L293 Datasheet HTML 7Page - Texas Instruments L293 Datasheet HTML 8Page - Texas Instruments L293 Datasheet HTML 9Page - Texas Instruments L293 Datasheet HTML 10Page - Texas Instruments L293 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
1
0
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
1
0
1
1
0
2
4
3
M
M
M
1
0
1
0
1
0
VCC2
VCC1
L293, L293D
www.ti.com
SLRS008D – SEPTEMBER 1986 – REVISED JANUARY 2016
8 Detailed Description
8.1 Overview
The L293 and L293D are quadruple high-current half-H drivers. These devices are designed to drive a wide array
of inductive loads such as relays, solenoids, DC and bipolar stepping motors, as well as other high-current and
high-voltage loads. All inputs are TTL compatible and tolerant up to 7 V.
Each output is a complete totem-pole drive circuit, with a Darlington transistor sink and a pseudo-Darlington
source. Drivers are enabled in pairs, with drivers 1 and 2 enabled by 1,2EN and drivers 3 and 4 enabled by
3,4EN. When an enable input is high, the associated drivers are enabled, and their outputs are active and in
phase with their inputs. When the enable input is low, those drivers are disabled, and their outputs are off and in
the high-impedance state. With the proper data inputs, each pair of drivers forms a full-H (or bridge) reversible
drive suitable for solenoid or motor applications.
On the L293, external high-speed output clamp diodes should be used for inductive transient suppression. On
the L293D, these diodes are integrated to reduce system complexity and overall system size. A VCC1 terminal,
separate from VCC2, is provided for the logic inputs to minimize device power dissipation. The L293 and L293D
are characterized for operation from 0°C to 70°C.
8.2 Functional Block Diagram
Output diodes are internal in L293D.
8.3 Feature Description
The L293x has TTL-compatible inputs and high voltage outputs for inductive load driving. Current outputs can get
up to 2 A using the L293.
Copyright © 1986–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: L293 L293D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com