Electronic Components Datasheet Search
  English  ▼

X  

LM211QDREP Datasheet(PDF) 15 Page - Texas Instruments

Part # LM211QDREP
Description  DIFFERENTIAL COMPARATOR WITH STROBES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM211QDREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM211QDREP Datasheet HTML 11Page - Texas Instruments LM211QDREP Datasheet HTML 12Page - Texas Instruments LM211QDREP Datasheet HTML 13Page - Texas Instruments LM211QDREP Datasheet HTML 14Page - Texas Instruments LM211QDREP Datasheet HTML 15Page - Texas Instruments LM211QDREP Datasheet HTML 16Page - Texas Instruments LM211QDREP Datasheet HTML 17Page - Texas Instruments LM211QDREP Datasheet HTML 18Page - Texas Instruments LM211QDREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
www.ti.com
2N2222
2N3708
R1
30 k
Ω
(see Note A)
3.9 k
Ω
1 k
Ω
Output
to TTL
VCC+ = 5 V
1N2175
2N3708
VCC+
Inputs
TTL
Strobe
VCC−
1 k
Ω
BAL/STRB
See Note A
LM211-EP
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS140A – DECEMBER 2002 – REVISED MAY 2006
APPLICATION INFORMATION (continued)
A.
R1 sets the comparison level. At comparison, the photodiode has less than 5 mV across it, decreasing dark current
by an order of magnitude.
Figure 26. Precision Photodiode Comparator
A.
Transient voltage and inductive kickback protection
Figure 27. Relay Driver With Strobe
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com