Electronic Components Datasheet Search
  English  ▼

X  

LM211QDREP Datasheet(PDF) 11 Page - Texas Instruments

Part # LM211QDREP
Description  DIFFERENTIAL COMPARATOR WITH STROBES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM211QDREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM211QDREP Datasheet HTML 7Page - Texas Instruments LM211QDREP Datasheet HTML 8Page - Texas Instruments LM211QDREP Datasheet HTML 9Page - Texas Instruments LM211QDREP Datasheet HTML 10Page - Texas Instruments LM211QDREP Datasheet HTML 11Page - Texas Instruments LM211QDREP Datasheet HTML 12Page - Texas Instruments LM211QDREP Datasheet HTML 13Page - Texas Instruments LM211QDREP Datasheet HTML 14Page - Texas Instruments LM211QDREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
VCC+
Input
VCC−
20 k
Ω
Output
5 V
1 k
Ω
240 k
Ω
82 k
Ω
47 k
Ω
82 k
Ω
Output to TTL
Input
(see Note A)
See Note B
5 V
2 k
Ω
4.5 k
Ω
1 k
Ω
Magnetic
Transducer
Output
to TTL
LM211-EP
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS140A – DECEMBER 2002 – REVISED MAY 2006
APPLICATION INFORMATION (continued)
Figure 14. Zero-Crossing Detector
A.
Resistor values shown are for a 0-to-30-V logic swing and a 15-V threshold.
B.
May be added to control speed and reduce susceptibility to noise spikes
Figure 15. TTL Interface With High-Level Logic
Figure 16. Detector for Magnetic Transducer
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com